データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

BURNDY_YF1810IT データシート(PDF) 2 Page - Hubbell Incorporated.

部品番号. BURNDY_YF1810IT
部品情報  Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 18 AWG, 0.63" L, Tin Plated, Red, For use on Cu Cond.
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HUBBELL [Hubbell Incorporated.]
ホームページ  https://www.hubbell.com/
Logo 

BURNDY_YF1810IT Datasheet(HTML) 2 Page - Hubbell Incorporated.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
For Use On Copper Conductor
Insulation
Y
Material
Copper
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
FERRULES
Type
Bootlace Ferrule
UPC
781810481790
UPC 12 Digit
7818104817900
Dimensions
Dimension - D inch
0.07 in
Dimension - D1 inch
0.06 in
Dimension - D2 inch
0.11 in
Dimension - Length Side A inch
0.63 in
Dimension - Length Side B inch
0.39 in
Conductor Related
Conductor - Copper Solid Size
18 AWG
Conductor - Copper Str Size
18 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Minimum Pack Quantity
500
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YF1810IT
by Burndy
Catalog ID: YF1810IT
Prop 65 Notice
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 18 AWG, 0.63"
L, Tin Plated, Red, For use on Cu Cond.
Features: Ferrules Are Electrical Connectors Used To Terminate Stranded
Wires, Creating A Quality, Reliable Connection By Ensuring Each Wire
Strand Conducts Current When Properly Crimped, Especially Useful When
Multiple Reconnections Could Be Necessary Within Terminal Blocks Or
Other Similar Devices, No Breakage Of Wire Strands When Wire Is Bent,
Under Stress Or In A Vibration Environment, Twin Ferrule Designs Allow
Two Individual Stranded Conductors To Be Connected To The Same
Termination, Most Beneficial In Jumpering Or Other Similar Applications,
Both Styles (Single And Twin) Offer The Same Features And Benefits, The
YF-TOOL Series Has Been Designed To Crimp Both The Bare (Type YF-
UI) And Insulated (Type YF-I) Ferrules, Made Of Electrolytic Copper, Tin
Plated, Smooth Funnel Entry To Make Wire Insertion Easier, Secure
Contacting Even After Multiple Reconnections, Long-Term Contact
Resistance, No Fraying Of Strands, No Breakage Of Wire Strands When
Wire Is Bent, Under Stress Or In Vibration Environment, Rohs Compliant,
Series: T, Recommended Tooling: YF3206TOOL, YF2610TOOL,
YF2214TOOL, YF2210TOOL


Html ページ

1  2 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn