データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

M9F52240 データシート(PDF) 2 Page - Schneider Electric

部品番号. M9F52240
部品情報  Multi 9 - C60BPR - MCB - 2P - 40 A - C Curve - 240 V - 10 kA - UL 489
ダウンロード  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo 

M9F52240 Datasheet(HTML) 2 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Complementary
[Ue] rated operational voltage
240 V AC 50/60 Hz
415 V AC 50/60 Hz
440 V AC 50/60 Hz
Magnetic tripping limit
8.5 x In +/- 20 % AC
[Ics] rated service breaking capacity
4.5 kA 75 % EN/IEC 60947-2 - 440 V AC
7.5 kA 75 % EN/IEC 60947-2 - 415 V AC
15 kA 75 % EN/IEC 60947-2 - 240 V AC
4.5 kA 75 % GB 14048.2 - 440 V AC
7.5 kA 75 % GB 14048.2 - 415 V AC
15 kA 75 % GB 14048.2 - 240 V AC
[Ui] rated insulation voltage
500 V AC EN/IEC 60947-2
[Uimp] rated impulse withstand voltage
6 kVEN/IEC 60947-2
Contact position indicator
Yes
Control type
Toggle
Local signalling
ON/OFF indication
Mounting mode
Clip-on
Mounting support
DIN rail
9 mm pitches
4
Height
5.00 in (127 mm)
Width
1.42 in (36 mm)
Depth
2.83 in (72 mm)
Color
Grey
Mechanical durability
20000 cycles
Electrical durability
10000 cycles
Provision for padlocking
Padlockable
Connections - terminals
Ring terminal top or bottom)
Tightening torque
17.70 lbf.in (2 N.m) top or bottom
Earth-leakage protection
Without
Environment
IP degree of protection
IP20IEC 60529
IP40 modular enclosure)IEC 60529
Pollution degree
3 EN/IEC 60947-2
Overvoltage category
IV
Tropicalisation
2 IEC 60068-1
Relative humidity
95 % 131 °F (55 °C)
Operating altitude
0...6561.68 ft (0...2000 m)
Ambient air temperature for operation
-22…158 °F (-30…70 °C)
Ambient air temperature for storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
00949 - M9 GEN 2 CB UL489
Discount Schedule
DE2
GTIN
00785901129356
Returnability
No
Country of origin
FR
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
2


Html ページ

1  2  3 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn