データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6680AS_NL データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDS6680AS_NL
部品情報  30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6680AS_NL データシート(HTML) 2 Page - Fairchild Semiconductor

  FDS6680AS_NL Datasheet HTML 1Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6680AS_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS6680AS Rev B(X)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 1 mA, Referenced to 25°C
29
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1 mA
1
1.5
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 1 mA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 11.5 A
VGS = 4.5 V,
ID = 9.5 A
VGS=10 V, ID =11.5A, TJ=125°C
8.4
10.3
12.3
10.0
12.5
15.5
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 15 V,
ID = 11.5 A
48
S
Dynamic Characteristics
Ciss
Input Capacitance
1240
pF
Coss
Output Capacitance
350
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
120
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
1.4
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
9
18
ns
tr
Turn–On Rise Time
5
10
ns
td(off)
Turn–Off Delay Time
27
42
ns
tf
Turn–Off Fall Time
VDS = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
11
21
ns
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
12
22
ns
td(off)
Turn–Off Delay Time
18
32
ns
tf
Turn–Off Fall Time
VDS = 15 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
11
20
ns
Qg(TOT)
Total Gate Charge at Vgs=10V
22
30
nC
Qg
Total Gate Charge at Vgs=5V
12
16
nC
Qgs
Gate–Source Charge
3.5
nC
Qgd
Gate–Drain Charge
VDD = 15 V,
ID = 11.5 A,
3.4
nC


同様の部品番号 - FDS6680AS_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6680AS FAIRCHILD-FDS6680AS_08 Datasheet
1,011Kb / 8P
   30V N-Channel PowerTrench SyncFET
More results

同様の説明 - FDS6680AS_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com