データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6690AS データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FDS6690AS
部品情報  30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6690AS データシート(HTML) 7 Page - Fairchild Semiconductor

  FDS6690AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6690AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDS6690AS Rev A (X)
Typical Characteristics
VDS
L
Figure 15. Unclamped Inductive Load Test
Circuit
Figure 16. Unclamped Inductive
Waveforms
Figure 20. Switching Time Waveforms
RGE
DUT
VGS
IAS
0.01
VDD
+
-
tp
0V
vary tP to obtain
required peak IAS
VGS
tAV
tP
IAS
VDS
VDD
BVDSS
Figure 19. Switching Time Test
Circuit
VDS
RL
RGEN
DUT
VDD
VGS
Pulse Width
≤ 1µs
Duty Cycle
≤ 0.1%
VGS
+
-
tr
tf
td(ON)
td(OFF
)
tON
tOFF
Pulse Width
10%
10%
90%
10%
90%
50%
90%
50%
0V
0V
VGS
VDS
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveform
VGS
QGS
QGD
QG(TOT)
10V
Charge, (nC)
DUT
VDD
VGS
Ig(REF
+
-
+
-
Same type as
Drain Current
1
µF
10
µF
10V
50k


同様の部品番号 - FDS6690AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
logo
Texas Instruments
FDS6690AS TI-FDS6690AS Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
Fairchild Semiconductor
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
More results

同様の説明 - FDS6690AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com