データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS6900AS_NL データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FDS6900AS_NL
部品情報  Dual N-Ch PowerTrench SyncFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6900AS_NL データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FDS6900AS_NL Datasheet HTML 2Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 3Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 4Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 5Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 6Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 7Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 8Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 9Page - Fairchild Semiconductor FDS6900AS_NL Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FDS6900AS Rev B (X)
Typical Characteristics (continued)
SyncFET Schottky Body Diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode
in parallel with PowerTrench MOSFET.
This diode
exhibits similar characteristics to a discrete external
Schottky diode in parallel with a MOSFET. Figure 23
shows the reverse recovery characteristic of the
FDS6900AS.
Figure 23. FDS6900AS SyncFET body
diode reverse recovery characteristic.
For comparison purposes, Figure 24 shows the reverse
recovery characteristics of the body diode of an
equivalent size MOSFET produced without SyncFET
(FDS6690).
Figure 24. Non-SyncFET (FDS6690) body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at
high temperature and high reverse voltage.
This will
increase the power in the device.
0.000001
0.00001
0.0001
0.001
0.01
0
5
10
15
20
25
30
VDS, REVERSE VOLTAGE (V)
125
oC
25
oC
100
oC
Figure 25. SyncFET body diode reverse
leakage versus drain-source voltage and
temperature
Time: 10nS/DIV
Time: 10nS/DIV


同様の部品番号 - FDS6900AS_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
More results

同様の説明 - FDS6900AS_NL

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
FDS6990AS FAIRCHILD-FDS6990AS_08 Datasheet
899Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
logo
ON Semiconductor
FDMS1D4N03S ONSEMI-FDMS1D4N03S Datasheet
613Kb / 9P
   N-Channel PowerTrench SyncFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDU6676AS FAIRCHILD-FDU6676AS_08 Datasheet
687Kb / 7P
   N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6984AS FAIRCHILD-FDS6984AS Datasheet
150Kb / 9P
   Dual Notebook Power Supply N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com