データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT16X データシート(PDF) 2 Page - ON Semiconductor

部品番号 74ACT16X
部品情報  Synchronous Presettable Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT16X データシート(HTML) 2 Page - ON Semiconductor

  74ACT16X Datasheet HTML 1Page - ON Semiconductor 74ACT16X Datasheet HTML 2Page - ON Semiconductor 74ACT16X Datasheet HTML 3Page - ON Semiconductor 74ACT16X Datasheet HTML 4Page - ON Semiconductor 74ACT16X Datasheet HTML 5Page - ON Semiconductor 74ACT16X Datasheet HTML 6Page - ON Semiconductor 74ACT16X Datasheet HTML 7Page - ON Semiconductor 74ACT16X Datasheet HTML 8Page - ON Semiconductor 74ACT16X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
http://onsemi.com
2
Figure 2. Logic Symbol
*MR for ′161
*SR for ′163
PE P0 P1 P2
CEP
P3
CET
CP
*R Q0 Q1 Q2 Q3
TC
FUNCTIONAL DESCRIPTION
The MC74AC161/ACT161 and MC74AC163/ACT163
count modulo−16 binary sequence. From state 15 (HHHH)
they increment to state 0 (LLLL). The clock inputs of all
flip−flops are driven in parallel through a clock buffer. Thus
all changes of the Q outputs (except due to Master Reset of
the ′161) occur as a result of, and synchronous with, the
LOW−to−HIGH transition of the CP input signal. The
circuits have four fundamental modes of operation, in order
of precedence: asynchronous reset (′161), synchronous reset
(′163), parallel load, count−up and hold. Five control inputs
− Master Reset (MR, ′161), Synchronous Reset (SR, ′163),
Parallel Enable (PE), Count Enable Parallel (CEP) and
Count Enable Trickle (CET) − determine the mode of
operation, as shown in the Mode Select Table. A LOW
signal on MR overrides all other inputs and asynchronously
forces all outputs LOW. A LOW signal on SR overrides
counting and parallel loading and allows all outputs to go
LOW on the next rising edge of CP. A LOW signal on PE
overrides counting and allows information on the Parallel
Data (Pn) inputs to be loaded into the flip−flops on the next
rising edge of CP. With PE and MR (′161) or SR (′163)
HIGH, CEP and CET permit counting when both are HIGH.
Conversely, a LOW signal on either CEP or CET inhibits
counting.
The MC74AC161/ACT161 and MC74AC163/ACT163 use
D−type edge−triggered flip−flops and changing the SR, PE,
CEP and CET inputs when the CP is in either state does not
cause errors, provided that the recommended setup and hold
times, with respect to the rising edge of CP, are observed.
The Terminal Count (TC) output is HIGH when CET is
HIGH and counter is in state 15. To implement synchronous
multistage counters, the TC outputs can be used with the
CEP and CET inputs in two different ways. Please refer to
the MC74AC568 data sheet. The TC output is subject to
decoding spikes due to internal race conditions and is
therefore not recommended for use as a clock or
asynchronous reset for flip−flops, counters or registers.
Logic Equations:
Count Enable = CEPCETPE
TC = Q0Q1Q2Q3CET
MODE SELECT TABLE
*SR
PE
CET
CEP
Action on the Rising
Clock Edge ( )
L
X
X
X
Reset (Clear)
H
L
X
X
Load (Pn → Qn)
H
H
H
H
Count (Increment)
H
H
L
X
No Change (Hold)
H
H
X
L
No Change (Hold)
*For ′163 only
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Figure 3. State Diagram
15
0
14
13
12
5
4
6
7
8
1
2
3
11
10
9


同様の部品番号 - 74ACT16X

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
logo
Fairchild Semiconductor
74ACT161 FAIRCHILD-74ACT161 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
STMicroelectronics
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161B STMICROELECTRONICS-74ACT161B Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT161B STMICROELECTRONICS-74ACT161B Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

同様の説明 - 74ACT16X

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com