データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDZ7064AS データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FDZ7064AS
部品情報  30V N-Channel PowerTrench SyncFET BGA MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ7064AS データシート(HTML) 5 Page - Fairchild Semiconductor

  FDZ7064AS Datasheet HTML 1Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 2Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 3Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 4Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 5Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 6Page - Fairchild Semiconductor FDZ7064AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
FDZ7064AS Rev. A
Typical Characteristics
SyncFET Diode Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 12 FDZ7064AS.
Figure 12. FDZ7064AS SyncFET body diode
reverse recovery characteristic.
For comparison purposes, Figure 13 shows the reverse
recovery characteristics of the body diode of an equivalent size
MOSFET produced without SyncFET .
Figure 13. Non-SyncFET (FDZ7064N) body
diode reverse recovery characteristic.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase the
power in the device.
Figure 14. SyncFET diode reverse leakage
versus drain-source voltage and temperature.
TIME : 12.5ns/div
TIME : 12.5ns/div
0.00001
0.0001
0.001
0.01
05
10
15
20
25
30
VDS, REVERSE VOLTAGE (V)
TA = 125
°C
TA = 25
°C
TA = 100
°C


同様の部品番号 - FDZ7064AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ7064N FAIRCHILD-FDZ7064N Datasheet
186Kb / 6P
   30V N-Channel Logic Level PowerTrench BGA MOSFET
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
More results

同様の説明 - FDZ7064AS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDZ7064S FAIRCHILD-FDZ7064S Datasheet
231Kb / 7P
   30V N-Channel PowerTrench SyncFET BGA MOSFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com