データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4378DY-T1-E3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI4378DY-T1-E3
部品情報  N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4378DY-T1-E3 データシート(HTML) 2 Page - Vishay Siliconix

  SI4378DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4378DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4378DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4378DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4378DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4378DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72918
S-40854—Rev. A, 03-May-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1.8
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 4.5 V
30
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 25 A
0.0022
0.0027
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 22 A
0.0034
0.0042
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 25 A
150
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.72
1.1
V
Dynamicb
Input Capacitance
Ciss
8500
Output Capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1250
pF
Reverse Transfer Capacitance
Crss
650
Total Gate Charge
Qg
55
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 25 A
16
nC
Gate-Drain Charge
Qgd
10
Gate Resistance
Rg
0.8
1.3
2.0
W
Turn-On Delay Time
td(on)
85
130
Rise Time
tr
VDD = 10 V, RL = 10 W
65
100
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, Rg = 6 W
140
210
ns
Fall Time
tf
50
80
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
60
012345
VGS = 5 thru 2.5 V
25_C
TC = 125_C
−55_C
2 V
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)


同様の部品番号 - SI4378DY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4378DY_RC VISHAY-SI4378DY_RC Datasheet
348Kb / 3P
   R-C Thermal Model Parameters
Revision 02-Mar-06
SI4378DY VISHAY-SI4378DY_V01 Datasheet
177Kb / 8P
   N-Channel 20-V (D-S) MOSFET
08-Feb-17
More results

同様の説明 - SI4378DY-T1-E3

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com