データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5570WRS-REEL7 データシート(PDF) 2 Page - Analog Devices

部品番号 AD5570WRS-REEL7
部品情報  True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5570WRS-REEL7 データシート(HTML) 2 Page - Analog Devices

  AD5570WRS-REEL7 Datasheet HTML 1Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 2Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 3Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 4Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 5Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 6Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 7Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 8Page - Analog Devices AD5570WRS-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5570
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Specifications..................................................................................... 3
Standalone Timing Characteristics ................................................ 4
Daisy Chaining and Readback Timing Characteristics............... 6
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Terminology .................................................................................... 10
Typical Performance Characteristics ........................................... 11
General Description ....................................................................... 16
DAC Architecture....................................................................... 16
Reference Buffers........................................................................ 16
Serial Interface ............................................................................ 16
Transfer Function ....................................................................... 17
CLEAR (CLR)............................................................................. 17
Power-Down (PD) ..................................................................... 17
Power-On Reset.......................................................................... 17
Serial Data Output (SDO)......................................................... 17
Applications Information .............................................................. 19
Typical Operating Circuit ......................................................... 19
Layout Guidelines....................................................................... 20
Opto-Coupler Interface ............................................................. 20
Microprocessor Interfacing....................................................... 20
Evaluation Board ........................................................................ 22
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
Revision 0: Initial Version


同様の部品番号 - AD5570WRS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results

同様の説明 - AD5570WRS-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
   True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5512A AD-AD5512A Datasheet
503Kb / 21P
   Serial-Input Voltage-Output, 12-/16-Bit DAC
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
   % V, Serial Input Complete 12-Bit DAC
REV. A
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com