データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4935 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM4935
部品情報  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 6Page - National Semiconductor (TI) LM4935 Datasheet HTML 7Page - National Semiconductor (TI) LM4935 Datasheet HTML 8Page - National Semiconductor (TI) LM4935 Datasheet HTML 9Page - National Semiconductor (TI) LM4935 Datasheet HTML 10Page - National Semiconductor (TI) LM4935 Datasheet HTML 11Page - National Semiconductor (TI) LM4935 Datasheet HTML 12Page - National Semiconductor (TI) LM4935 Datasheet HTML 13Page - National Semiconductor (TI) LM4935 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
HEADPHONE AMPLIFIER
SNR
HP
Signal to Noise Ratio
From 0dB Analog AUX input
A-weighted
SE Mode
98
dB
OCL Mode
VCM = 1.2V
97
dB
OCL Mode
VCM = 1.5V
96
dB
HP
THD+N
Headphone Harmonic Distortion
32
Ω load, 3.3V, P
O = 7.5mW
0.05
%
e
N
Output Noise
A-weighted
12
µV
∆A
CH-CH
Stereo Channel-to-Channel Gain
Mismatch
0.3
dB
X
TALK
Stereo Crosstalk
SE Mode
61
dB
OCL Mode
63
dB
EARPIECE AMPLIFIER
P
EP
Earpiece Power
32
Ω load, 3.3V
115
100
mW
(min)
16
Ω load, 3.3V
150
mW
PSRR
EP
Power Supply Rejection Ratio
(Earpiece)
AUX inputs terminated
C
BYPASS = 1.0 µF
V
RIPPLE = 200 mVP-P
F
RIPPLE = 217 Hz
65
dB
SNR
EP
Signal to Noise Ratio
From 0dB Analog AUX input,
A-weighted
98
dB
EP
THD+N
Earpiece Harmonic Distortion
32
Ω load, 3.3V, P
O = 50mW
0.04
%
e
N
Output Noise
A-weighted
24
µV
V
OS
Offset Voltage
15
mV
AUXOUT AMPLIFIER
THD+N
Total Harmonic Distortion + Noise
V
O =1VRMS,5k
Ω load
0.02
%
PSRR
Power Supply Rejection Ratio
AUX inputs terminated
C
BYPASS = 1.0µF
V
RIPPLE = 200mVPP
f
RIPPLE = 217Hz
70
dB
CP_OUT AMPLIFIER
THD+N
Total Harmonic Distortion + Noise
V
O =1VRMS,5k
Ω load
0.02
%
PSRR
Power SUpply Rejection Ratio
C
BYPASS = 1.0µF
V
RIPPLE = 200mVPP
f
RIPPLE = 217Hz
68
dB
MONO ADC
R
ADC
ADC Ripple
±0.25
dB
PB
ADC
ADC Passband
Lower (HPF Mode 1), f
S = 8 kHz
300
Hz
Upper
3470
Hz
SBA
ADC
ADC Stopband Attenuation
Above Passband
60
dB
HPF Notch, 50 Hz/60 Hz (worst
case)
58
dB
SNR
ADC
ADC Signal to Noise Ratio
From CPI, A-weighted
90
dB
ADC
LEVEL
ADC Full Scale Input Level
1
V
RMS
www.national.com
10


同様の部品番号 - LM4935

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350 TI-LM49350 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
More results

同様の説明 - LM4935

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com