データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59440IA-T7 データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL59440IA-T7
部品情報  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IA-T7 データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL59440IA-T7 Datasheet HTML 4Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 5Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 6Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 7Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 8Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 9Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 10Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 11Page - Intersil Corporation ISL59440IA-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6162.1
September 21, 2005
Pin Descriptions
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1, 3, 7
NIC
Not Internally Connected; it is recommended this pin be tied to ground to minimize crosstalk
2
IN0
Circuit 1
Input for channel 0
4
IN1
Circuit 1
Input for channel 1
5
GND
Circuit 4
Ground pin
6
IN2
Circuit 1
Input for channel 2
8
IN3
Circuit 1
Input for channel 3
9
S0
Circuit 2
Channel selection pin LSB (binary logic code)
10
S1
Circuit 2
Channel selection pin MSB (binary logic code)
11
V-
Circuit 4
Negative power supply
12
V+
Circuit 4
Positive power supply
13
OUT
Circuit 3
Output
14
IN-
Circuit 1
Inverting input of output amplifier
15
HIZ
Circuit 2
Output disable (active high); there are internal pull-down resistors, so the device will be active with
no connection; “HI” puts the output in high impedance state
16
ENABLE
Circuit 2
Device enable (active low); there are internal pull-down resistors, so the device will be active with
no connection; "HI" puts device into power-down mode
IN
V+
V-
LOGIC PIN
V+
V-
GND.
33K
21K
+
-
1.2V
CIRCUIT 1.
CIRCUIT 2.
V+
V-
OUT
CIRCUIT 3.
V-
V+
CAPACITIVELY
COUPLED
ESD CLAMP
GND
CIRCUIT 4.
AC Test Circuits
FIGURE 24A. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR
75
Ω INPUT TERMINATED EQUIPMENT
FIGURE 24B. BACKLOADED TEST CIRCUIT FOR VIDEO
CABLE APPLICATION. BANDWIDTH AND
LINEARITY FOR RL LESS THAN 500Ω WILL BE
DEGRADED.
NOTE:
Figure 24A illustrates the optimum output load when connecting to input terminated equipment. Figure 24B illustrates
backloaded test circuit for video cable applications.
ISL59440
RS
CL
VIN
TEST
50
or
75
50
or
75
50
or
75
AV =1, 2
475
or
462.5
RG
RF
EQUIPMENT
ISL59440
RS
CL
VIN
50
Ω or 75Ω
TEST
50
or
75
50
or
75
AV = 1, 2
RG
RF
EQUIPMENT
ISL59440


同様の部品番号 - ISL59440IA-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59440IA INTERSIL-ISL59440IA Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IA RENESAS-ISL59440IA Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IAZ RENESAS-ISL59440IAZ Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
More results

同様の説明 - ISL59440IA-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com