データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-1931-200 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-1931-200
部品情報  Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-1931-200 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-1931-200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-1931-200 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
1
3
2
4
510
5
6
7
8
16
14
15
13
12
11
10
9
GND
VCC
5 V
OUTPUT VO
MONITORING
NODE
0.01 µF
BYPASS
VCM
PULSE GEN.
+
VIN
IIN
A
B
Figure 10. Burn In Circuit.
100
100
200
200
VIN
+5.0 V
0.01 µF
VCC
+5.5 V
VOUT
+2.6 V
TA = +125 °C
+
CONDITIONS: II = 30 mA
IO = 10 mA
VCC = 5.5 V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 9. Test Circuit for Common
Mode Transient Immunity and Typical
Waveforms.
Figure 8. Typical Common Mode
Transient Immunity.


同様の部品番号 - HCPL-1931-200

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1931 AVAGO-HCPL-1931 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-1931 BOARDCOM-HCPL-1931 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
More results

同様の説明 - HCPL-1931-200

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com