データシートサーチシステム |
|
MC1330DIN データシート(PDF) 2 Page - DENSEI-LAMBDA |
|
MC1330DIN データシート(HTML) 2 Page - DENSEI-LAMBDA |
2 / 4 page 164 MC13-SERIES MC13**DIN (Unit: mm) (Unit: mm) MC13** A B C *Mounting MC13**DIN could be mounted on 35mm wide (TS35 type) Din-rail.For mounting, put the part (A) of the unit over the top hat rail and push forward like (B), so that the rail stopper is firmly held on the Din-rail. For unmounting, put a screw driver int the part (C) and lift it up to remove the unit. *Ground Do not earth whth Din-rail. Earth directly from the ground terminal of MC13**DIN. MC13**DIN explanation |
同様の部品番号 - MC1330DIN |
|
同様の説明 - MC1330DIN |