データシートサーチシステム |
|
TSC51C1XXX-A-12ICB データシート(PDF) 9 Page - TEMIC Semiconductors |
|
TSC51C1XXX-A-12ICB データシート(HTML) 9 Page - TEMIC Semiconductors |
9 / 31 page TSC8051C1 Rev. D (14 Jan. 97) 9 MATRA MHS Register Content PC 0000h PCON 0XXX0000b PSW 00h PWM0–11 00h PWMCON XXXXXXX0b S1CON 00h S1DAT 00h S1STA F8h SBUF 00h SCON 00h SOCR 00h SP 07h TCON 00h TH0, TH1 00h TL0, TL1 00h TMOD 00h The internal RAM is not affected by reset. At power–on reset, the RAM content is indeterminate. Watchdog Reset RST Reset Circuitry Schmitt Trigger On–chip resistor RRST Figure 5. On–Chip Reset Configuration. An automatic reset can be obtained when VCC is turned on by connecting the RST pin to VCC through a 1 µF capacitor providing the VCC setting time does not exceed 1ms and the oscillator start–up time does not exceed 10ms. This power–on reset circuit is shown in Figure 6. When power comes on, the current drawn by RST starts to charge the capacitor. The voltage at RST is the difference between VCC and the capacitor voltage, and decreases from VCC as the capacitor charges. VRST must remain above the lower threshold of the Schmitt trigger long enough to effect a complete reset. The time required is the oscillator start–up time, plus 2 machine cycles. + VSS RST VRST RRST VCC TSC8051C1 VCC 1 mF Figure 6. Power–on Reset Circuit 6.6. Oscillator Characteristics XTAL1 and XTAL2 are respectively the input and output of an inverting amplifier which is configured for use as an on–chip oscillator. As shown in Figure 7. , either a quartz crystal or ceramic resonator may be used. To drive the device from an external clock source, XTAL1 should be driven while XTAL2 is left unconnected as shown in Figure 8. There are no requirements on the duty cycle of the external clock signal, since the input to the internal clocking circuitry is through a divide–by–two flip–flop. The minimum high and low times specified on the data sheet must be observed however. XTAL2 XTAL1 VSS Figure 7. Crystal Oscillator XTAL2 XTAL1 VSS NC EXTERNAL OSCILLATOR SIGNAL Figure 8. External Drive Configuration |
同様の部品番号 - TSC51C1XXX-A-12ICB |
|
同様の説明 - TSC51C1XXX-A-12ICB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |