データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD816300W データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FOD816300W
部品情報  4-Pin Phototransistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD816300W データシート(HTML) 4 Page - Fairchild Semiconductor

  FOD816300W Datasheet HTML 1Page - Fairchild Semiconductor FOD816300W Datasheet HTML 2Page - Fairchild Semiconductor FOD816300W Datasheet HTML 3Page - Fairchild Semiconductor FOD816300W Datasheet HTML 4Page - Fairchild Semiconductor FOD816300W Datasheet HTML 5Page - Fairchild Semiconductor FOD816300W Datasheet HTML 6Page - Fairchild Semiconductor FOD816300W Datasheet HTML 7Page - Fairchild Semiconductor FOD816300W Datasheet HTML 8Page - Fairchild Semiconductor FOD816300W Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FOD816 Series Rev. 1.0.3
Typical Electrical/Optical Characteristic Curves (TA = 25°C Unless otherwise specified.)
IF = 5mA
VCE = 2V
IF = 20mA
IC = 5mA
VCE = 20V
VCE = 2V
IC = 10mA
Ta = 25
°C
VCE = 2V
IC = 2mA
Ta = 25
°C
RL=10k
Ω 1kΩ
100
150
100
50
0
1.0
0.8
0.6
0.4
0.2
0
-30
0
25
50
75
100
AMBIENT TEMPERATURE TA (°C)
Fig. 7. Relative Current Transfer Ratio
vs. Ambient Temperature
0
-25
25
50
75
100
AMBIENT TEMPERATURE TA (°C)
Fig. 8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
10-5
10-6
10-7
10-8
10-9
10-10
10-11
0
-25
0.02
100
10
1
0.1
25
50
75
100
AMBIENT TEMPERATURE TA (°C)
Fig. 9 Collector Dark Current
vs. Ambient Temperature
500
200
100
50
20
10
5
2
1
0.5
0.2
0.05
Input
Vcc
Vcc
10%
90%
Input
Output
Output
td
tr
ts
tf
Output
0.1 0.2
0.5
1
2
5
10
LOAD RESISTANCE RL (kΩ)
RL
RD
RD
RL
Fig. 10. Response Time
vs. Load Resistance
0
-10
-20
FREQUENCY f (kHz)
Fig. 11. Frequency Response
Test Circuit for Response Time
Test Circuit for Frequency Response
tr
tf
td
ts


同様の部品番号 - FOD816300W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8163 ONSEMI-FOD8163 Datasheet
408Kb / 15P
   3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1
FOD8163R2 ONSEMI-FOD8163R2 Datasheet
408Kb / 15P
   3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1
FOD8163R2V ONSEMI-FOD8163R2V Datasheet
408Kb / 15P
   3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1
FOD8163T ONSEMI-FOD8163T Datasheet
408Kb / 15P
   3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1
FOD8163TR2 ONSEMI-FOD8163TR2 Datasheet
408Kb / 15P
   3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1
More results

同様の説明 - FOD816300W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com