データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LV4320AGKFR データシート(PDF) 8 Page - Texas Instruments

部品番号 SN74LV4320AGKFR
部品情報  LOW-POWER, DUAL-SUPPLY, LEVEL-TRANSLATING COMPACTFLASH INTERFACE WITH 16-BIT DATA, 11-BIT ADDRESS, AND 13-BIT CONTROL LINES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4320AGKFR データシート(HTML) 8 Page - Texas Instruments

Back Button SN74LV4320AGKFR Datasheet HTML 4Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 5Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 6Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 7Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 8Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 9Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 10Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 11Page - Texas Instruments SN74LV4320AGKFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN74LV4320A
LOW POWER, DUALSUPPLY, LEVELTRANSLATING CompactFlashINTERFACE
WITH 16BIT DATA, 11BIT ADDRESS, AND 13BIT CONTROL LINES
SCES628A − APRIL 2005 − REVISED APRIL 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 6) (continued)
VCCI
VCCO
MIN
MAX
UNIT
1.65 V to 1.95 V
2
IOH
High-level output current
System port
1.95 V to 2.7 V
6
mA
IOH
High-level output current
System port
2.7 V to 3.6 V
12
mA
1.65 V to 1.95 V
2
IOL
Low-level output current
System port
1.95 V to 2.7 V
6
mA
IOL
Low-level output current
System port
2.7 V to 3.6 V
12
mA
IOH
High-level output current
CF port
3 V to 3.6 V
12
mA
IOH
High-level output current
CF port
4.5 V to 5.5 V
16
mA
IOL
Low-level output current
CF port
3 V to 3.6 V
12
mA
IOL
Low-level output current
CF port
4.5 V to 5.5 V
16
mA
1.65 V to 2.7 V
>20
∆t/∆v
Input transition rise or fall rate
2.7 V to 3.6 V
>20
ns/V
t/ v
Input transition rise or fall rate
4.5 V to 5.5 V
>20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


同様の部品番号 - SN74LV4320AGKFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74LV4040A TI-SN74LV4040A Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A TI-SN74LV4040A Datasheet
795Kb / 19P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040A-EP TI1-SN74LV4040A-EP Datasheet
538Kb / 12P
[Old version datasheet]   12 BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040AD TI-SN74LV4040AD Datasheet
526Kb / 17P
[Old version datasheet]   12-BIT ASYNCHRONOUS BINARY COUNTERS
SN74LV4040AD TI-SN74LV4040AD Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results

同様の説明 - SN74LV4320AGKFR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCX164245 ONSEMI-74VCX164245 Datasheet
209Kb / 11P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
Revised June 2005
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 NXP-74ALVC164245 Datasheet
181Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 05-13 April 2010
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
129Kb / 12P
   16-bit dual supply translating transceiver 3-State
Rev. 02-1 June 2004
74ALVC164245 PHILIPS-74ALVC164245 Datasheet
107Kb / 19P
   16-bit dual supply translating transciever; 3-state
Rev. 02-1 June 2004
logo
Nexperia B.V. All right...
74ALVC164245 NEXPERIA-74ALVC164245 Datasheet
242Kb / 14P
   16-bit dual supply translating transceiver; 3-state
Rev. 11 - 27 July 2021
logo
Mitsubishi Electric Sem...
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com