データシートサーチシステム |
|
TSC8051C1XXX-A-12CIB データシート(PDF) 8 Page - TEMIC Semiconductors |
|
TSC8051C1XXX-A-12CIB データシート(HTML) 8 Page - TEMIC Semiconductors |
8 / 31 page TSC8051C1 Rev. D (14 Jan. 97) 8 MATRA MHS PORT 0 BIT TO LE Q WRITE LATCH MUX LATCH WRITE LATCH WRITE TO WRITE TO LATCH TO LATCH READ LATCH MUX PORT 1 BIT DQ P0.X P0.X PIN VCC CONTROL ADDR/DATA INT. BUS PIN READ LATCH DQ P1.X LATCH LE Q P1.X PIN VCC CONTROL PWMX INT. BUS READ PIN INTERNAL PULL–UP* READ LATCH DQ P2.X LE Q P2.X PIN VCC CONTROL ADDR INT. BUS READ PIN INTERNAL PULL–UP READ LATCH DQ P3.X LATCH LE Q P3.X PIN VCC SIO1 CONTROL* INT. BUS ALTERNATE OUTPUT FUNCTION * Internal pull–up not present on P3.6 and P3.7 when SIO1 is enabled. ALTERNATE INPUT FUNCTION READ PIN INTERNAL PULL–UP* READ LATCH PORT 2 BIT PORT 3 BIT MUX * Internal pull–up not present on P1.0 to P1.3 when PWM8 to PWM11 are enabled Figure 4. Port Bit Latches and I/O buffers 6.5. Reset Circuitry The reset circuitry for the TSC8051C1 is connected to the reset pin RST. A Schmitt trigger is used at the input for noise rejection (see Figure 5. ). A reset is accomplished by holding the RST pin high for at least two machine cycles (24 oscillator periods) while the oscillator is running. The CPU responds by executing an internal reset. It also configures the ALE and PSEN pins as inputs (they are quasi–bidirectional). A Watchdog timer underflow if enabled, will force a reset condition to the TSC8051C1 by an internal connection. The internal reset is executed during the second cycle in which reset is high and is repeated every cycle until RST goes low. It leaves the internal registers as follows: Register Content ACC 00h B 00h DPTR 0000h EICON 00h HWDR 00h IE 0X000000b IP XX000000b MSCON XXXXXXX0b MXCR0–1 00h P0–P3 FFh |
同様の部品番号 - TSC8051C1XXX-A-12CIB |
|
同様の説明 - TSC8051C1XXX-A-12CIB |