データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS820E32Q-150 データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 GS820E32Q-150
部品情報  2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

GS820E32Q-150 データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GS820E32Q-150 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS820E32Q-150 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rev: 1.03 2/2000
6/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820E32T/Q-150/138/133/117/100/66
Synchronous Truth Table
Operation
Address Used
State
Diagram
Key5
E1
E2
ADSP ADSC
ADV
W3
DQ4
Deselect Cycle, Power Down
None
X
H
X
X
L
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
L
X
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
H
L
X
X
High-Z
Read Cycle, Begin Burst
External
R
L
T
L
X
X
X
Q
Read Cycle, Begin Burst
External
R
L
T
H
L
X
F
Q
Write Cycle, Begin Burst
External
W
L
T
H
L
X
T
D
Read Cycle, Continue Burst
Next
CR
X
X
H
H
L
F
Q
Read Cycle, Continue Burst
Next
CR
H
X
X
H
L
F
Q
Write Cycle, Continue Burst
Next
CW
X
X
H
H
L
T
D
Write Cycle, Continue Burst
Next
CW
H
X
X
H
L
T
D
Read Cycle, Suspend Burst
Current
X
X
H
H
H
F
Q
Read Cycle, Suspend Burst
Current
H
X
X
H
H
F
Q
Write Cycle, Suspend Burst
Current
X
X
H
H
H
T
D
Write Cycle, Suspend Burst
Current
H
X
X
H
H
T
D
Note:
1. X = Don’t Care, H = High, L = Low.
2. E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1.
3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding.
4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown
as “Q” in the Truth Table above).
5. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish
basic synchronous or synchronous burst operations and may be avoided for simplicity.
6. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above.
7. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.


同様の部品番号 - GS820E32Q-150

メーカー部品番号データシート部品情報
logo
GSI Technology
GS820E32AGT-133 GSI-GS820E32AGT-133 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-133I GSI-GS820E32AGT-133I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166 GSI-GS820E32AGT-166 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-166I GSI-GS820E32AGT-166I Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AGT-180 GSI-GS820E32AGT-180 Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
More results

同様の説明 - GS820E32Q-150

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C332MPFD18A ALSC-AS7C332MPFD18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFS18A ALSC-AS7C252MPFS18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
AS7C332MPFS18A ALSC-AS7C332MPFS18A Datasheet
508Kb / 19P
   3.3V 2M x 18 pipelined burst synchronous SRAM
AS7C252MPFD18A ALSC-AS7C252MPFD18A Datasheet
507Kb / 18P
   2.5V 2M x 18 pipelined burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Samsung semiconductor
K7B403625M SAMSUNG-K7B403625M Datasheet
439Kb / 16P
   128Kx36-Bit Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com