データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH9126 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMH9126
部品情報  LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH9126 データシート(HTML) 3 Page - Texas Instruments

  LMH9126 Datasheet HTML 1Page - Texas Instruments LMH9126 Datasheet HTML 2Page - Texas Instruments LMH9126 Datasheet HTML 3Page - Texas Instruments LMH9126 Datasheet HTML 4Page - Texas Instruments LMH9126 Datasheet HTML 5Page - Texas Instruments LMH9126 Datasheet HTML 6Page - Texas Instruments LMH9126 Datasheet HTML 7Page - Texas Instruments LMH9126 Datasheet HTML 8Page - Texas Instruments LMH9126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
VSS
INP
INM
VSS
VSS
PD
VSS
VSS
OUTP
VSS
VDD
NC
Thermal Pad
3
LMH9126
www.ti.com
SNLS634 – APRIL 2020
Product Folder Links: LMH9126
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
RRL Package
12-Pin WQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VSS
Power
Ground
2
INP
Input
RF differential positive input into amplifier
3
INM
Power
RF differential negative input into amplifier
4
VSS
Power
Ground
5
VSS
Power
Ground
6
PD
Input
Power down connection. PD = 0 V = normal operation; PD = 1.8 V = power off mode
7
VSS
Power
Ground
8
VSS
Output
Ground
9
OUTP
Output
RF single-ended output from amplifier
10
VSS
Power
Ground
11
VDD
Power
Positive supply voltage (3.3 V)
12
NC
Do not connect this pin
Thermal Pad
Connect the thermal pad to ground


同様の部品番号 - LMH9126

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
LMH9135IRRLR TI-LMH9135IRRLR Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
More results

同様の説明 - LMH9126

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMH9235 TI1-LMH9235 Datasheet
424Kb / 16P
[Old version datasheet]   LMH9235 3.3 GHz ??3.8 GHz Single-Ended to Differential Amplifier with Integrated Balun
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
[Old version datasheet]   LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
[Old version datasheet]   THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
   10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
Hittite Microwave Corpo...
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com