データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LMH9126 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号. LMH9126
部品情報  LMH9126 2.2–2.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
ダウンロード  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

LMH9126 Datasheet(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Frequency (MHz)
2200
2300
2400
2500
2600
2700
2800
2900
3000
12
13
14
15
16
17
18
19
20
VDD = 3.15V
VDD = 3.3V
VDD = 3.45V
Frequency (MHz)
2200
2300
2400
2500
2600
2700
2800
2900
3000
0
1
2
3
4
5
TA = -40o C
TA = 25o C
TA = 85o C
TA = 105o C
Frequency (MHz)
2200
2300
2400
2500
2600
2700
2800
2900
3000
20
22
24
26
28
30
32
34
36
38
40
42
44
46
Tone Spacing = 1MHz
Tone Spacing = 10MHz
Tone Spacing = 100MHz
Frequency (MHz)
2200
2300
2400
2500
2600
2700
2800
2900
3000
12
13
14
15
16
17
18
19
20
TA = -40o C
TA = 25o C
TA = 85o C
TA = 105o C
Frequency (MHz)
2200
2300
2400
2500
2600
2700
2800
2900
3000
20
22
24
26
28
30
32
34
36
38
40
42
44
46
VDD = 3.15V
VDD = 3.3V
VDD = 3.45V
Output Power / Tone (dBm)
0
1
2
3
4
5
6
7
8
9
10
20
25
30
35
40
45
50
TA = -40o C
TA = 25o C
TA = 85o C
TA = 105o C
7
LMH9126
www.ti.com
SNLS634 – APRIL 2020
Product Folder Links: LMH9126
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 3.3 V, differential input impedance (ZIN) = 100 Ω, single-ended output impedance (ZLOAD) = 50 Ω, and
POUT(TOTAL) = 8 dBm into ZLOAD = 50 Ω (unless otherwise noted)
POUT/TONE = 2 dBm, 1-MHz tone spacing
Figure 7. Output IP3 vs Frequency and Supply Voltage
f = 2.6 GHz, 1-MHz tone spacing
Figure 8. Output IP3 vs Output Power per Tone
POUT/TONE = 2 dBm
Figure 9. Output IP3 vs Frequency and Tone Spacing
Figure 10. Output P1dB vs Frequency and Temperature
Figure 11. Output P1dB vs Frequency and Supply Voltage
ZSOURCE = 100-Ω differential
Figure 12. Noise Figure vs Frequency and Temperature


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn