データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

LMH9126 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号. LMH9126
部品情報  LMH9126 2.2–2.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
ダウンロード  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

LMH9126 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMH9126
PA
DAC
Analog Front-End
ZIN = 100 Ÿ
ZOUT = 50 Ÿ
f = 2.2 GHz - 2.9 GHz
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMH9126
SNLS634 – APRIL 2020
LMH9126 2.2–2.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
1
1 Features
1
Single-channel, differential input to single-ended
output RF gain block amplifier
18-dB typical gain across the band
3.5-dB noise figure
35-dBm OIP3
18-dBm output P1dB
350-mW power consumption on 3.3-V single
supply
Up to 105°C TA operating temperature
2 Applications
Differential DAC output driver for GSPS DACs
Differential to single-ended conversions
Balun alternatives
Small cell or m-MIMO base stations
5G active antenna systems (AAS)
Wireless cellular base station
3 Description
The LMH9126 is high-performance, single-channel,
differential input to single-ended output transmit RF
gain
block
amplifier
supporting
2.6-GHz
center
frequency band. The device is well suited to support
requirements for the next generation 5G AAS or small
cell applications while driving the input of a power
amplifier (PA). The RF amplifier provides 18-dB
typical gain with good linearity performance of 35-
dBm output IP3, while maintaining less than 4-dB
noise figure across the whole 1-dB bandwidth. The
device is internally matched for 100-Ω differential
input impedance providing easy interface with an RF-
sampling or Zero-IF analog front-end (AFE) at the
input. Also, the device is internally matched for 50-Ω
single-ended output impedance required for easy
interface with a post-amplifier, SAW filter, or PA.
Operating on a single 3.3-V supply, the device
consumes only 350 mW of active power making it
suitable
for
high-density
5G
massive
MIMO
applications. Also, the device is available in a space
saving 2-mm × 2-mm, 12-pin QFN package. The
device is rated for an operating temperature of up to
105°C to provide a robust system design. There is a
1.8-V JEDEC compliant power down pin available for
fast power down and power up of the device suitable
for time division duplex (TDD) systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMH9126
WQFN (12)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
LMH9126: Differential to Single-Ended Amplifier


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn