データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430F479 データシート(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430F479
部品情報  MSP430F47x Mixed-Signal Microcontrollers
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F479 データシート(HTML) 52 Page - Texas Instruments

Back Button MSP430F479 Datasheet HTML 48Page - Texas Instruments MSP430F479 Datasheet HTML 49Page - Texas Instruments MSP430F479 Datasheet HTML 50Page - Texas Instruments MSP430F479 Datasheet HTML 51Page - Texas Instruments MSP430F479 Datasheet HTML 52Page - Texas Instruments MSP430F479 Datasheet HTML 53Page - Texas Instruments MSP430F479 Datasheet HTML 54Page - Texas Instruments MSP430F479 Datasheet HTML 55Page - Texas Instruments MSP430F479 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
52
MSP430F479, MSP430F478, MSP430F477
SLAS629B – MARCH 2009 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F479 MSP430F478 MSP430F477
Detailed Description
Copyright © 2009–2020, Texas Instruments Incorporated
6.9.6
LCD_A Drive With Regulated Charge Pump
The LCD_A driver generates the segment and common signals required to drive an LCD display. The
LCD_A controller has dedicated data memory to hold segment drive information. Common and segment
signals are generated as defined by the mode. Static, 2-MUX, 3-MUX, and 4-MUX LCDs are supported by
this peripheral. The module can provide a LCD voltage independent of the supply voltage via an
integrated charge pump. Furthermore, it is possible to control the level of the LCD voltage and, thus,
contrast in software.
6.9.7
Timer_A3
Timer_A3 is a 16-bit timer or counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the
capture/compare registers.
Table 6-5. Timer_A3 Signal Connections
INPUT PIN NUMBER
DEVICE INPUT
SIGNAL
MODULE
INPUT NAME
MODULE
BLOCK
MODULE
OUTPUT
SIGNAL
OUTPUT PIN NUMBER
PN
ZCA OR ZQW
PN
ZCA OR ZQW
P1.5 - 51
F11
TACLK
TACLK
Timer
NA
ACLK
ACLK
SMCLK
SMCLK
P1.5 - 51
F11
TAINCLK
INCLK
P1.0 - 58
C11
TA0
CCI0A
CCR0
TA0
P1.0 - 58
C11
P1.1 - 57
C12
TA0
CCI0B
P1.1 - 57
C12
DVSS
GND
DVCC
VCC
P1.2 - 56
D11
TA1
CCI1A
CCR1
TA1
P1.2 - 56
D11
CAOUT
(internal)
CCI1B
DVSS
GND
DVCC
VCC
P2.0 - 4
C2
TA2
CCI2A
CCR2
TA2
P2.0 - 4
C2
ACLK (internal)
CCI2B
DVSS
GND
DVCC
VCC


同様の部品番号 - MSP430F479

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430F479 TI1-MSP430F479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793 TI1-MSP430F4793 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
937Kb / 46P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 76P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F4793IPZ TI-MSP430F4793IPZ Datasheet
1Mb / 79P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

同様の説明 - MSP430F479

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com