データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430F2619 データシート(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430F2619
部品情報  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619 データシート(HTML) 83 Page - Texas Instruments

Back Button MSP430F2619 Datasheet HTML 79Page - Texas Instruments MSP430F2619 Datasheet HTML 80Page - Texas Instruments MSP430F2619 Datasheet HTML 81Page - Texas Instruments MSP430F2619 Datasheet HTML 82Page - Texas Instruments MSP430F2619 Datasheet HTML 83Page - Texas Instruments MSP430F2619 Datasheet HTML 84Page - Texas Instruments MSP430F2619 Datasheet HTML 85Page - Texas Instruments MSP430F2619 Datasheet HTML 86Page - Texas Instruments MSP430F2619 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
Direction
0: Input
1: Output
P3SEL.x
P3DIR.x
P3IN.x
D
EN
Module X IN
Module X OUT
P3OUT.x
DVSS
DVCC
Pad Logic
1
1
0
1
0
1
0
P3.0/UCB0STE/UCA0CLK
P3.1/UCB0SIMO/UCB0SDA
P3.2/UCB0SOMI/UCB0SCL
P3.3/UCB0CLK/UCA0STE
P3.4/UCA0TXD/UCA0SIMO
P3.5/UCA0RXD/UCA0SOMI
P3.6/UCA1TXD/UCA1SIMO
P3.7/UCA1RXD/UCA1SOMI
P3REN.x
Module direction
83
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
www.ti.com
SLAS541L – JUNE 2007 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Detailed Description
Copyright © 2007–2020, Texas Instruments Incorporated
(1)
X = Don't care
(2)
The pin direction is controlled by the USCI module.
(3)
UCA0CLK function takes precedence over UCB0STE function. If the pin is required as UCA0CLK input or output, USCI_B0 is forced to
3-wire SPI mode if 4-wire SPI mode is selected.
(4)
If the I2C functionality is selected, the output drives only the logical 0 to VSS level.
(5)
UCB0CLK function takes precedence over UCA0STE function. If the pin is required as UCB0CLK input or output, USCI_A0 is forced to
3-wire SPI mode if 4-wire SPI mode is selected.
6.10.4 Port P3 (P3.0 to P3.7), Input/Output With Schmitt Trigger
Figure 6-9 shows the port diagram. Table 6-18 summarizes the selection of the pin function.
Figure 6-9. Port P3 (P3.0 to P3.7) Diagram
Table 6-18. Port P3 (P3.0 to P3.7) Pin Functions
PIN NAME (P3.x)
x
FUNCTION
CONTROL BITS OR SIGNALS(1)
P3DIR.x
P3SEL.x
P3.0/UCB0STE/
UCA0CLK
0
P3.0 (I/O)
0 = Input
1 = Output
0
UCB0STE/UCA0CLK(2)(3)
X
1
P3.1/UCB0SIMO/
UCB0SDA
1
P3.1 (I/O)
0 = Input
1 = Output
0
UCB0SIMO/UCB0SDA(2)(4)
X
1
P3.2/UCB0SOMI/
UCB0SCL
2
P3.2 (I/O)
0 = Input
1 = Output
0
UCB0SOMI/UCB0SCL (2)(4)
X
1
P3.3/UCB0CLK/
UCA0STE
3
P3.3 (I/O)
0 = Input
1 = Output
0
UCB0CLK/UCA0STE(2)(5)
X
1
P3.4/UCA0TXD/
UCA0SIMO
4
P3.4 (I/O)
0 = Input
1 = Output
0
UCA0TXD/UCA0SIMO(2)
X
1
P3.5/UCA0RXD/
UCA0SOMI
5
P3.5 (I/O)
0 = Input
1 = Output
0
UCA0RXD/UCA0SOMI(2)
X
1
P3.6/UCA1TXD/
UCA1SIMO
6
P3.6 (I/O)
0 = Input
1 = Output
0
UCA1TXD/UCA1SIMO(2)
X
1


同様の部品番号 - MSP430F2619

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430F2619 TI1-MSP430F2619 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI-MSP430F2619S-HT Datasheet
1Mb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619S-HT TI1-MSP430F2619S-HT Datasheet
1Mb / 99P
[Old version datasheet]   Mixed-Signal Microcontroller
More results

同様の説明 - MSP430F2619

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com