データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430F5507 データシート(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430F5507
部品情報  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5507 データシート(HTML) 54 Page - Texas Instruments

Back Button MSP430F5507 Datasheet HTML 50Page - Texas Instruments MSP430F5507 Datasheet HTML 51Page - Texas Instruments MSP430F5507 Datasheet HTML 52Page - Texas Instruments MSP430F5507 Datasheet HTML 53Page - Texas Instruments MSP430F5507 Datasheet HTML 54Page - Texas Instruments MSP430F5507 Datasheet HTML 55Page - Texas Instruments MSP430F5507 Datasheet HTML 56Page - Texas Instruments MSP430F5507 Datasheet HTML 57Page - Texas Instruments MSP430F5507 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 125 page
background image
54
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
SLAS645L – JULY 2009 – REVISED MAY 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Detailed Description
Copyright © 2009–2020, Texas Instruments Incorporated
6.6
JTAG Operation
6.6.1
JTAG Standard Interface
The MSP430 family supports the standard JTAG interface, which requires four signals for sending and
receiving data. The JTAG signals are shared with general-purpose I/Os. The TEST/SBWTCK pin is used
to enable the JTAG signals. In addition to these signals, the RST/NMI/SBWTDIO is required to interface
with MSP430 development tools and device programmers. Table 6-5 lists the JTAG pin requirements. For
further details on interfacing to development tools and device programmers, see the MSP430 Hardware
Tools User's Guide. For complete description of the features of the JTAG interface and its implementation,
see the MSP430 Memory Programming With the JTAG Interface.
Table 6-5. JTAG Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
FUNCTION
PJ.3/TCK
IN
JTAG clock input
PJ.2/TMS
IN
JTAG state control
PJ.1/TDI/TCLK
IN
JTAG data input, TCLK input
PJ.0/TDO
OUT
JTAG data output
TEST/SBWTCK
IN
Enable JTAG pins
RST/NMI/SBWTDIO
IN
External reset
VCC
Power supply
VSS
Ground supply
6.6.2
Spy-Bi-Wire Interface
In addition to the standard JTAG interface, the MSP430 family supports the two-wire Spy-Bi-Wire
interface. Spy-Bi-Wire can be used to interface with MSP430 development tools and device programmers.
Table 6-6 lists the Spy-Bi-Wire interface pin requirements. For further details on interfacing to
development tools and device programmers, see the MSP430 Hardware Tools User's Guide. For
complete description of the features of the JTAG interface and its implementation, see the MSP430
Memory Programming With the JTAG Interface.
Table 6-6. Spy-Bi-Wire Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
FUNCTION
TEST/SBWTCK
IN
Spy-Bi-Wire clock input
RST/NMI/SBWTDIO
IN, OUT
Spy-Bi-Wire data input/output
VCC
Power supply
VSS
Ground supply
6.7
Flash Memory (Link to User's Guide)
The flash memory can be programmed through the JTAG port, Spy-Bi-Wire (SBW), the BSL, or in-system
by the CPU. The CPU can perform single-byte, single-word, and long-word writes to the flash memory.
Features of the flash memory include:
Flash memory has n segments of main memory and four segments of information memory (A to D) of
128 bytes each. Each segment in main memory is 512 bytes in size.
Segments 0 to n may be erased in one step, or each segment may be individually erased.
Segments A to D can be erased individually, or as a group with segments 0 to n. Segments A to D are
also called information memory.
Segment A can be locked separately.


同様の部品番号 - MSP430F5507

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430F5507 TI1-MSP430F5507 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5507 TI1-MSP430F5507 Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5507IRGZ TI-MSP430F5507IRGZ Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI-MSP430F5507IRGZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5507IRGZR TI1-MSP430F5507IRGZR Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

同様の説明 - MSP430F5507

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com