データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CL21A226MAQNNNE データシート(PDF) 3 Page - Samsung semiconductor

部品番号 CL21A226MAQNNNE
部品情報  Multi-layer Ceramic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL21A226MAQNNNE データシート(HTML) 3 Page - Samsung semiconductor

  CL21A226MAQNNNE Datasheet HTML 1Page - Samsung semiconductor CL21A226MAQNNNE Datasheet HTML 2Page - Samsung semiconductor CL21A226MAQNNNE Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
- Disclaimer & Limitation of Use and Application -
The products listed in this Specification sheet are NOT designed and manufactured for any use
and applications set forth below.
Please note that any misuse of the products deviating from products specifications or information
provided in this Spec sheet may cause serious property damages or personal injury.
We will NOT be liable for any damages resulting from any misuse of the products, specifically
including using the products for high reliability applications as listed below.
If you have any questions regarding this 'Limitation of Use and Application', you should first contact
our sales personnel or application engineers.
Aerospace/Aviation equipment
Automotive or Transportation equipment (vehicles, trains, ships, etc)
Medical equipment
Military equipment
Disaster prevention/crime prevention equipment
Any other applications with the same as or similar complexity or reliability to the applications
set forth above.
● Derating
● Disclaimer & Limitation of Use and Application
The products listed in this Specification sheet are NOT designed and manufactured for any use
and applications set forth below.
Please note that any misuse of the products deviating from products specifications or information
provided in this Spec sheet may cause serious property damages or personal injury.
We will NOT be liable for any damages resulting from any misuse of the products, specifically
including using the products for high reliability applications as listed below.
If you have any questions regarding this 'Limitation of Use and Application', you should first contact
our sales personnel or application engineers.
① Aerospace/Aviation equipment
② Automotive or Transportation equipment (vehicles, trains, ships, etc)
③ Medical equipment
④ Military equipment
⑤ Disaster prevention/crime prevention equipment
⑥ Any other applications with the same as or similar complexity or reliability to the applications
set forth above.
0%
20%
40%
60%
80%
100%
0
10
20
30
40
50
60
70
80
90
100
Temperature of MLCC (℃)
[ Derated Voltage ]
���������������������������� �������������������������������� �������������������� =
������������������������������������ ������������. ����������������������������
�������������������� �����������������������������
X5R
This product ,which guarantees High Temperature Reliability
Test with 100% of rated voltage at the maximum temperature,
is recommended to be used in the circuit with derated voltage
compared to the rated voltage of the capacitor for long lifetime.
Max. voltage(VMax) and DC voltage(VDC) applied to this product
shown in the table below are recommended to be used
under the following conditions for long lifetime, respectively.
[Recommendations for long lifetime]
·VMax ≤ (Derated Voltage on the left graph)
·VDC ≤ 70% × (Derated Voltage on the left graph)
[Types of voltage applied to the capacitor]
* Temperature of MLCC : Surface temperature of MLCC in the circuit.


同様の部品番号 - CL21A226MAQNNNE

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
CL21A226MPCLRNC SAMSUNG-CL21A226MPCLRNC Datasheet
139Kb / 2P
   SPECIFICATION
CL21A226MQQNNNE SAMSUNG-CL21A226MQQNNNE Datasheet
139Kb / 2P
   SPECIFICATION
More results

同様の説明 - CL21A226MAQNNNE

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com