データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CL21A226MAQNNNE データシート(PDF) 2 Page - Samsung semiconductor

部品番号 CL21A226MAQNNNE
部品情報  Multi-layer Ceramic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL21A226MAQNNNE データシート(HTML) 2 Page - Samsung semiconductor

  CL21A226MAQNNNE Datasheet HTML 1Page - Samsung semiconductor CL21A226MAQNNNE Datasheet HTML 2Page - Samsung semiconductor CL21A226MAQNNNE Datasheet HTML 3Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C. Samsung Reliablility Test and Judgement Condition
Capacitance
Within specified tolerance
Tan δ (DF)
0.1 max.
Insulation
10,000Mohm or 100Mohm×㎌
Rated Voltage
60~120 sec.
Resistance
Whichever is smaller
Appearance
No abnormal exterior appearance
Microscope (×10)
Withstanding
No dielectric breakdown or
of the rated voltage
Voltage
mechanical breakdown
Temperature
X5R
Characteristics
(From-55℃ to 85℃, Capacitance change should be within ±15%)
Adhesive Strength
No peeling shall be occur on the
500g·f, for 10±1 sec.
of Termination
terminal electrode
Bending Strength
Capacitance change :
within ±12.5%
Bending to the limit (1㎜)
with 1.0mm/sec.
Solderability
More than 75% of terminal surface
SnAg3.0Cu0.5 solder
is to be soldered newly
245±5
℃, 3±0.3sec.
(preheating : 80~120
℃ for 10~30sec.)
Resistance to
Capacitance change :
within ±7.5%
Solder pot : 270±5
℃, 10±1sec.
Soldering Heat
Tan δ, IR : initial spec.
Vibration Test
Capacitance change :
within ± 5%
Amplitude : 1.5mm
Tan δ, IR : initial spec.
From 10
㎐ to 55㎐ (return : 1min.)
2hours × 3 direction (x, y, z)
Moisture
Capacitance change :
within ±12.5%
With rated voltage
Resistance
Tan δ :
0.2 max
40±2
℃, 90~95%RH, 500+12/-0hrs
IR :
500Mohm or 12.5Mohm × ㎌
Whichever is smaller
High Temperature
Capacitance change :
within ±12.5%
With
of the rated voltage
Resistance
Tan δ :
0.2 max
Max. operating temperature
IR :
1,000Mohm or 25Mohm × ㎌
1000+48/-0hrs
Whichever is smaller
Temperature
Capacitance change :
within ±7.5%
1 cycle condition
Cycling
Tan δ, IR : initial spec.
Min. operating temperature
25
Max. operating temperature
25
5 cycle test
※ The reliability test condition can be replaced by the corresponding accelerated test condition.
D. Recommended Soldering method :
Reflow ( Reflow Peak Temperature : 260+0/-5
℃, 10sec. Max )
Product specifications included in the specifications are effective as of March 1, 2013.
Please be advised that they are standard product specifications for reference only.
We may change, modify or discontinue the product specifications without notice at any time.
So, you need to approve the product specifications before placing an order.
Should you have any question regarding the product specifications,
please contact our sales personnel or application engineers.
250%
100%
Judgement
Test condition
120
㎐ ±20% / 0.5±0.1Vrms
*A capacitor prior to measuring the capacitance is heat
treated at 150℃+0/-10℃ for 1 hour and maintained in
ambient air for 24±2 hours.


同様の部品番号 - CL21A226MAQNNNE

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
CL21A226MPCLRNC SAMSUNG-CL21A226MPCLRNC Datasheet
139Kb / 2P
   SPECIFICATION
CL21A226MQQNNNE SAMSUNG-CL21A226MQQNNNE Datasheet
139Kb / 2P
   SPECIFICATION
More results

同様の説明 - CL21A226MAQNNNE

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7222KFCA01 TAIYO-YUDEN-MAASE063SB7222KFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com