データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430FG479 データシート(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430FG479
部品情報  MSP430FG47x Mixed-Signal Microcontrollers
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG479 データシート(HTML) 61 Page - Texas Instruments

Back Button MSP430FG479 Datasheet HTML 57Page - Texas Instruments MSP430FG479 Datasheet HTML 58Page - Texas Instruments MSP430FG479 Datasheet HTML 59Page - Texas Instruments MSP430FG479 Datasheet HTML 60Page - Texas Instruments MSP430FG479 Datasheet HTML 61Page - Texas Instruments MSP430FG479 Datasheet HTML 62Page - Texas Instruments MSP430FG479 Datasheet HTML 63Page - Texas Instruments MSP430FG479 Datasheet HTML 64Page - Texas Instruments MSP430FG479 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
61
MSP430FG479, MSP430FG478, MSP430FG477
www.ti.com
SLAS580E – OCTOBER 2008 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG479 MSP430FG478 MSP430FG477
Detailed Description
Copyright © 2008–2020, Texas Instruments Incorporated
Table 6-9. Peripherals With Byte Access (continued)
MODULE
REGISTER NAME
ACRONYM
ADDRESS
Port P6
Port P6 selection
Port P6 direction
Port P6 output
Port P6 input
P6SEL
P6DIR
P6OUT
P6IN
037h
036h
035h
034h
Port P5
Port P5 selection
Port P5 direction
Port P5 output
Port P5 input
P5SEL
P5DIR
P5OUT
P5IN
033h
032h
031h
030h
Port P4
Port P4 selection
Port P4 direction
Port P4 output
Port P4 input
P4SEL
P4DIR
P4OUT
P4IN
01Fh
01Eh
01Dh
01Ch
Port P3
Port P3 selection
Port P3 direction
Port P3 output
Port P3 input
P3SEL
P3DIR
P3OUT
P3IN
01Bh
01Ah
019h
018h
Port P2
Port P2 selection
Port P2 interrupt enable
Port P2 interrupt-edge select
Port P2 interrupt flag
Port P2 direction
Port P2 output
Port P2 input
P2SEL
P2IE
P2IES
P2IFG
P2DIR
P2OUT
P2IN
02Eh
02Dh
02Ch
02Bh
02Ah
029h
028h
Port P1
Port P1 selection
Port P1 interrupt enable
Port P1 interrupt-edge select
Port P1 interrupt flag
Port P1 direction
Port P1 output
Port P1 input
P1SEL
P1IE
P1IES
P1IFG
P1DIR
P1OUT
P1IN
026h
025h
024h
023h
022h
021h
020h
Special functions
SFR module enable 2
SFR module enable 1
SFR interrupt flag 2
SFR interrupt flag 1
SFR interrupt enable 2
SFR interrupt enable 1
ME2
ME1
IFG2
IFG1
IE2
IE1
005h
004h
003h
002h
001h
000h


同様の部品番号 - MSP430FG479

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430FG479 TI1-MSP430FG479 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430FG479IPN TI-MSP430FG479IPN Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPN TI1-MSP430FG479IPN Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI-MSP430FG479IPNR Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG479IPNR TI1-MSP430FG479IPNR Datasheet
2Mb / 93P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

同様の説明 - MSP430FG479

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com