データシートサーチシステム |
|
MSP430F5500IRGZT データシート(PDF) 14 Page - Texas Instruments |
|
|
MSP430F5500IRGZT データシート(HTML) 14 Page - Texas Instruments |
14 / 125 page 14 MSP430F5510, MSP430F5509, MSP430F5508 MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504 MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500 SLAS645L – JULY 2009 – REVISED MAY 2020 www.ti.com Submit Documentation Feedback Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505 MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500 Terminal Configuration and Functions Copyright © 2009–2020, Texas Instruments Incorporated (1) I = input, O = output, N/A = not available (2) VCORE is for internal use only. No external current loading is possible. VCORE should only be connected to the recommended capacitor value, CVCORE (see Section 5.3). 4.2 Signal Descriptions Table 4-1 describes the signals for all device variants and package options. Table 4-1. Terminal Functions TERMINAL I/O(1) DESCRIPTION NAME NO. RGC RGZ, PT ZXH, ZQE P6.4/CB4/A4 5 N/A C1 I/O General-purpose digital I/O Comparator_B input CB4 (not available on PT and RGZ package devices) Analog input A4 – ADC (not available on PT and RGZ package devices) P6.5/CB5/A5 6 N/A D2 I/O General-purpose digital I/O Comparator_B input CB5 (not available on PT and RGZ package devices) Analog input A5 – ADC (not available on PT and RGZ package devices) P6.6/CB6/A6 7 N/A D1 I/O General-purpose digital I/O Comparator_B input CB6 (not available on PT and RGZ package devices) Analog input A6 – ADC (not available on PT and RGZ package devices) P6.7/CB7/A7 8 N/A D3 I/O General-purpose digital I/O Comparator_B input CB7 (not available on PT and RGZ package devices) Analog input A7 – ADC (not available on PT and RGZ package devices) P5.0/A8/VeREF+ 9 5 E1 I/O General-purpose digital I/O Analog input A8 – ADC (not available on F5503, F5502, F5501, F5500 devices) Input for an external reference voltage to the ADC (not available on F5503, F5502, F5501, F5500 devices) P5.1/A9/VeREF- 10 6 E2 I/O General-purpose digital I/O Analog input A9 – ADC (not available on F5503, F5502, F5501, F5500 devices) Negative terminal for an externally provided ADC reference (not available on F5503, F5502, F5501, F5500 devices) AVCC1 11 7 F2 Analog power supply P5.4/XIN 12 8 F1 I/O General-purpose digital I/O Input terminal for crystal oscillator XT1 P5.5/XOUT 13 9 G1 I/O General-purpose digital I/O Output terminal of crystal oscillator XT1 AVSS1 14 10 G2 Analog ground supply DVCC1 15 11 H1 Digital power supply DVSS1 16 12 J1 Digital ground supply VCORE(2) 17 13 J2 Regulated core power supply output (internal use only, no external current loading) P1.0/TA0CLK/ACLK 18 14 H2 I/O General-purpose digital I/O with port interrupt TA0 clock signal TA0CLK input ACLK output (divided by 1, 2, 4, 8, 16, or 32) P1.1/TA0.0 19 15 H3 I/O General-purpose digital I/O with port interrupt TA0 CCR0 capture: CCI0A input, compare: Out0 output BSL transmit output P1.2/TA0.1 20 16 J3 I/O General-purpose digital I/O with port interrupt TA0 CCR1 capture: CCI1A input, compare: Out1 output BSL receive input |
同様の部品番号 - MSP430F5500IRGZT |
|
同様の説明 - MSP430F5500IRGZT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |