データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430F5500IRGZT データシート(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430F5500IRGZT
部品情報  MSP430F5510, MSP430F550x Mixed-Signal Microcontrollers
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5500IRGZT データシート(HTML) 17 Page - Texas Instruments

Back Button MSP430F5500IRGZT Datasheet HTML 13Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 14Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 15Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 16Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 17Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 18Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 19Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 20Page - Texas Instruments MSP430F5500IRGZT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 125 page
background image
17
MSP430F5510, MSP430F5509, MSP430F5508
MSP430F5507, MSP430F5506, MSP430F5505, MSP430F5504
MSP430F5503, MSP430F5502, MSP430F5501, MSP430F5500
www.ti.com
SLAS645L – JULY 2009 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F5510 MSP430F5509 MSP430F5508 MSP430F5507 MSP430F5506 MSP430F5505
MSP430F5504 MSP430F5503 MSP430F5502 MSP430F5501 MSP430F5500
Terminal Configuration and Functions
Copyright © 2009–2020, Texas Instruments Incorporated
Table 4-1. Terminal Functions (continued)
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
RGC
RGZ,
PT
ZXH,
ZQE
(3)
When this pin is configured as reset, the internal pullup resistor is enabled by default.
(4)
C6, D4, D5, D6, E3, E4, E5, E6, F3, F4, F5, F6, F7, F8, G3 are reserved and should be connected to ground.
V18
55
43
B6
USB regulated power (internal use only, no external current loading)
AVSS2
56
44
A5
Analog ground supply
P5.2/XT2IN
57
45
B5
I/O
General-purpose digital I/O
Input terminal for crystal oscillator XT2
P5.3/XT2OUT
58
46
B4
I/O
General-purpose digital I/O
Output terminal of crystal oscillator XT2
TEST/SBWTCK
59
47
A4
I
Test mode pin – select digital I/O on JTAG pins
Spy-By-Wire input clock
PJ.0/TDO
60
23
C5
I/O
General-purpose digital I/O
Test data output port
PJ.1/TDI/TCLK
61
24
C4
I/O
General-purpose digital I/O
Test data input
Test clock input
PJ.2/TMS
62
25
A3
I/O
General-purpose digital I/O
Test mode select
PJ.3/TCK
63
26
B3
I/O
General-purpose digital I/O
Test clock
RST/NMI/SBWTDIO
64
48
A2
I/O
Reset input, active low(3)
Nonmaskable interrupt input
Spy-By-Wire data input/output
P6.0/CB0/A0
1
1
A1
I/O
General-purpose digital I/O
Comparator_B input CB0 (not available on F5507, F5506, F5505, F5504
devices)
Analog input A0 – ADC (not available on F5503, F5502, F5501, F5500
devices)
P6.1/CB1/A1
2
2
B2
I/O
General-purpose digital I/O
Comparator_B input CB1 (not available on F5507, F5506, F5505, F5504
devices)
Analog input A1 – ADC (not available on F5503, F5502, F5501, F5500
devices)
P6.2/CB2/A2
3
3
B1
I/O
General-purpose digital I/O
Comparator_B input CB2 (not available on F5507, F5506, F5505, F5504
devices)
Analog input A2 – ADC (not available on F5503, F5502, F5501, F5500
devices)
P6.3/CB3/A3
4
4
C2
I/O
General-purpose digital I/O
Comparator_B input CB3 (not available on F5507, F5506, F5505, F5504
devices)
Analog input A3 – ADC (not available on F5503, F5502, F5501, F5500
devices)
Reserved
N/A
N/A
(4)
Reserved. Connect to ground.
QFN Pad
Pad
Pad
N/A
Exposed QFN package pad (not available on PT package devices). TI
recommends connecting to VSS.


同様の部品番号 - MSP430F5500IRGZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430F5500IRGZT TI-MSP430F5500IRGZT Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5500IRGZT TI1-MSP430F5500IRGZT Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F5500IRGZT TI1-MSP430F5500IRGZT Datasheet
2Mb / 118P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

同様の説明 - MSP430F5500IRGZT

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com