データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL3024 データシート(PDF) 1 Page - Beckhoff Automation GmbH & Co. KG

部品番号 EL3024
部品情報  4-channel analog input terminal 4??0 mA, differential input, 12 bit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
ホームページ  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

EL3024 データシート(HTML) 1 Page - Beckhoff Automation GmbH & Co. KG

  EL3024 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Analog input
EL3024
Error LED 4
Run LED
Error LED 2
Run LED
Error LED 3
Run LED
Error LED 1
Run LED
Power contact
+24 V
Power contact 0 V
+Input 1
-Input 1
+Input 3
-Input 3
+Input 2
-Input 2
+Input 4
-Input 4
Top view
Contact assembly
EL3024 | 4-channel analog input terminal 4…20 mA,
differential input, 12 bit
The EL3024 analog input terminal handles signals in the range from 4 to 20 mA. The current is digitised to a resolution of 12 bits and is transmitted, in
an electrically isolated form, to the higher-level automation device. The input channels of the EtherCAT Terminal have differential inputs and possess a
common, internal ground potential. The EL3024 combines four channels in one housing. An open lead or overload condition are detected and the
terminal status is relayed to the controller via the E-bus. The EtherCAT Terminal indicates its signal state by means of light emitting diodes. The error
LEDs indicate an overload condition and a broken wire.
Technical data
EL3024 | ES3024
Number of inputs
4 (differential)
Power supply
via the E-bus
Technology
differential input
Signal current
4…20 mA
Distributed clocks
Internal resistance
typ. 85 Ω + diode voltage
Input filter limit frequency
1 kHz
Common-mode voltage UCM
max. 10 V
Conversion time
0.625 ms default setting, configurable, multiplex
Resolution
12 bit (16 bit presentation incl. sign)
Measuring error
< ±0.3 % (relative to full scale value)
Surge voltage resistance
35 V DC
Electrical isolation
500 V (E-bus/signal voltage)
Current consumption power
contacts
Current consumption E-bus
typ. 130 mA
Bit width in the process image
inputs: 16 byte
Configuration
no address or configuration setting
Special features
standard and compact process image, activatable FIR/IIR filters, limit value monitoring
Weight
approx. 60 g
Operating/storage temperature
-25…+60 °C/-40…+85 °C
Relative humidity
95 %, no condensation
Vibration/shock resistance
conforms to EN 60068-2-6/EN 60068-2-27
EMC immunity/emission
conforms to EN 61000-6-2/EN 61000-6-4
Protect. class/installation pos.
IP 20/variable
Pluggable wiring
for all ESxxxx terminals
Approvals/markings
CE, UL, ATEX
Ex-Marking
II 3 G Ex nA IIC T4 Gc
EL3024
Analog input
Error LED 4
Run LED
Error LED 2
Run LED
Error LED 3
Run LED
Error LED 1
Run LED
Power contact
+24 V
Power contact 0 V
+Input 1
-Input 1
+Input 3
-Input 3
+Input 2
-Input 2
+Input 4
-Input 4
Top view
Contact assembly
Analog input
EL3024
BECKHOFF New Automation Technology
We reserve the right to make technical changes.


同様の部品番号 - EL3024

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
EL302 KODENSHI-EL302 Datasheet
196Kb / 2P
   Infrared Emitting Diodes(GaAs)
logo
Everlight Electronics C...
EL3021 EVERLIGHT-EL3021 Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL3021 EVERLIGHT-EL3021 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL3021 EVERLIGHT-EL3021 Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL3021 EVERLIGHT-EL3021 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

同様の説明 - EL3024

メーカー部品番号データシート部品情報
logo
WAGO Kontakttechnik Gmb...
753-454 WAGO-753-454 Datasheet
559Kb / 12P
   2-channel analog input; 4 ??20 mA; Differential input
753-492 WAGO-753-492 Datasheet
517Kb / 11P
   2-channel analog input; 4 ??20 mA; Differential input
750-454 WAGO-750-454 Datasheet
541Kb / 12P
   2-channel analog input; 4 ??20 mA; Differential input
750-492 WAGO-750-492 Datasheet
378Kb / 11P
   2-channel analog input; 4 ??20 mA; Differential input
750-480 WAGO-750-480 Datasheet
407Kb / 11P
   2-channel analog input; 0 ??20 mA; Differential input
750-452 WAGO-750-452 Datasheet
441Kb / 12P
   2-channel analog input; 0 ??20 mA; Differential input
753-452 WAGO-753-452 Datasheet
550Kb / 12P
   2-channel analog input; 0 ??20 mA; Differential input
753-480 WAGO-753-480 Datasheet
522Kb / 12P
   2-channel analog input; 0 ... 20 mA; Differential input
750-454-025-000 WAGO-750-454-025-000 Datasheet
418Kb / 12P
   2-channel analog input; 4 ??20 mA; Differential input; Ext. Temperature
750-454-025-003 WAGO-750-454-025-003 Datasheet
447Kb / 11P
   2-channel analog input; 4 ??20 mA; Differential input; Extend. measurement
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com