データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

EL6910 データシート(PDF) 50 Page - Beckhoff Automation GmbH & Co. KG

部品番号. EL6910
部品情報  TwinSAFE Logic Terminal
ダウンロード  144 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
ホームページ  https://beckhoff.com/
Logo 

EL6910 Datasheet(HTML) 50 Page - Beckhoff Automation GmbH & Co. KG

Zoom Inzoom in Zoom Outzoom out
 50 / 144 page
background image
Operation
EL6910
50
Version: 1.8.0
Fig. 41: Connection between two function blocks
4.4.6.9
Networks
For structuring the safety application, several networks can be created within a sal worksheet. Right-click in
the worksheet and select Add After and Network or Add Before and Network to create a network after or
before the current network.
Fig. 42: Creating a network
The instance path to the FB port to be linked can be specified, in order to exchange signals between the
networks. The instance path consists of the network name, the FB name and the FB port, each separated by
a dot. The input of the instance path is case-sensitive.
<Network name>.<FB name>.<FB port name>
Sample: Network1.FBEstop1.EStopIn3


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




リンク URL