データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ET1100 データシート(PDF) 97 Page - Beckhoff Automation GmbH & Co. KG

部品番号 ET1100
部品情報  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
ホームページ  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1100 データシート(HTML) 97 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1100 Datasheet HTML 93Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 94Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 95Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 96Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 97Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 98Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 99Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 100Page - Beckhoff Automation GmbH & Co. KG ET1100 Datasheet HTML 101Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
PDI Description
Slave Controller
– ET1100 Hardware Description
III-83
6.5
Synchronous 8/16 bit µController Interface
6.5.1
Interface
The synchronous µController interface uses demultiplexed address and data busses. The bidirectional
data bus can be either 8 bit or 16 bit wide. The signals of the synchronous µController interface of
EtherCAT devices are:
8/16 bit
µController
(sync)
CS
ADR
BHE
DATA
TA
EtherCAT
device
IRQ
RD/WR
TS
CPU_CLK_IN
EEPROM_LOADED
Figure 38: µController interconnection4
Table 72: µController signals
Signal
sync I/F
Signal
async I/F
Direction
Description
Signal polarity
CPU_CLK_IN
N/A
IN
(µC → ESC)
µController interface
clock
CS
CS
IN
(µC → ESC)
Chip select
Typical: act. low
ADR[15:0]
ADR[15:0]
IN
(
µC → ESC)
Address bus
act. high
BHE
BHE
IN
(µC → ESC)
Byte High Enable
Typical: act. low
TS
RD
IN
(µC → ESC)
Transfer Start
Typical: act. low
RD/nWR
WR
IN
(µC → ESC)
Read/Write access
DATA[15:0]
DATA[15:0]
BD
(µC
↔ ESC)
Data bus for 16 Bit
µController interface
act. high
DATA[7:0]
DATA[7:0]
BD
(µC
↔ ESC)
Data bus for 8 Bit
µController interface
act. high
TA
BUSY
OUT
(ESC → µC)
Transfer Acknowledge
Typical: act. low
IRQ
IRQ
OUT
(ESC → µC)
Interrupt
Typical: act. low
EEPROM_
LOADED
EEPROM_
LOADED
OUT
(ESC → µC)
PDI is active,
EEPROM is loaded
act. high
6.5.2
Configuration
The 16 bit synchronous µController interface is selected with PDI type 0x0A in the PDI control register
0x0140, the 8 bit synchronous µController interface has PDI type 0x0B. It supports different
configurations, which are located registers 0x0150
– 0x0153.
4 All signals are denoted with typical polarity configuration.


同様の部品番号 - ET1100

メーカー部品番号データシート部品情報
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
   Medium Speed Torquemeter
Rev A
logo
Copal Electronics
ET110A10-Z COPAL-ET110A10-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A12-Z COPAL-ET110A12-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A13-Z COPAL-ET110A13-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
ET110A32-Z COPAL-ET110A32-Z Datasheet
2Mb / 14P
   Standard Size Toggle Switch
More results

同様の説明 - ET1100

メーカー部品番号データシート部品情報
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com