データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430FG4618IPZR データシート(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430FG4618IPZR
部品情報  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4618IPZR データシート(HTML) 27 Page - Texas Instruments

Back Button MSP430FG4618IPZR Datasheet HTML 23Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 24Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 25Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 26Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 27Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 28Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 29Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 30Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
T -
A
°C
V
-V
CC
1.8
3.0
2.4
3.6
1.0
20
60
40
85
1.0
0
-20
-40
0
f
(DCO)
f
(DCO3V)
f
(DCO)
f
(DCO20 C)
°
27
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K – APRIL 2006 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Specifications
Copyright © 2006–2020, Texas Instruments Incorporated
5.19
DCO
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
f(DCOCLK)
N(DCO) = 01Eh, FN_8 = FN_4 = FN_3 = FN_2 = 0, D = 2,
DCOPLUS = 0
2.2 V, 3 V
1
MHz
f(DCO = 2)
FN_8 = FN_4 = FN_3 = FN_2 = 0, DCOPLUS = 1
2.2 V
0.3
0.65
1.25
MHz
3 V
0.3
0.7
1.3
f(DCO = 27)
FN_8 = FN_4 = FN_3 = FN_2 = 0, DCOPLUS = 1
2.2 V
2.5
5.6
10.5
MHz
3 V
2.7
6.1
11.3
f(DCO = 2)
FN_8 = FN_4 = FN_3 = FN_2 = 1, DCOPLUS = 1
2.2 V
0.7
1.3
2.3
MHz
3 V
0.8
1.5
2.5
f(DCO = 27)
FN_8 = FN_4 = FN_3 = FN_2 = 1, DCOPLUS = 1
2.2 V
5.7
10.8
18
MHz
3 V
6.5
12.1
20
f(DCO = 2)
FN_8 = FN_4 = 0, FN_3 = 1, FN_2 = x, DCOPLUS = 1
2.2 V
1.2
2
3
MHz
3 V
1.3
2.2
3.5
f(DCO = 27)
FN_8 = FN_4 = 0, FN_3 = 1, FN_2 = x, DCOPLUS = 1
2.2 V
9
15.5
25
MHz
3 V
10.3
17.9
28.5
f(DCO = 2)
FN_8 = 0, FN_4 = 1, FN_3 = FN_2 = x, DCOPLUS = 1
2.2 V
1.8
2.8
4.2
MHz
3 V
2.1
3.4
5.2
f(DCO = 27)
FN_8 = 0, FN_4 = 1, FN_3 = FN_2 = x, DCOPLUS = 1
2.2 V
13.5
21.5
33
MHz
3 V
16
26.6
41
f(DCO = 2)
FN_8 = 1, FN_4 = 1 = FN_3 = FN_2 = x, DCOPLUS = 1
2.2 V
2.8
4.2
6.2
MHz
3 V
4.2
6.3
9.2
f(DCO = 27)
FN_8 = 1, FN_4 = 1 = FN_3 = FN_2 = x, DCOPLUS = 1
2.2 V
21
32
46
MHz
3 V
30
46
70
Sn
Step size between adjacent DCO taps:
Sn = fDCO(Tap n+1) /fDCO(Tap n) (see Figure 5-16 for taps 21 to 27)
1 < TAP
≤ 20
1.06
1.11
TAP = 27
1.07
1.17
Dt
Temperature drift, N(DCO) = 01Eh,
FN_8 = FN_4 = FN_3 = FN_2 = 0, D = 2, DCOPLUS = 0
2.2 V
–0.2
–0.3
–0.4
%/°C
3 V
–0.2
–0.3
–0.4
DV
Drift with VCC variation, N(DCO) = 01Eh,
FN_8 = FN_4 = FN_3 = FN_2 = 0, D = 2, DCOPLUS = 0
0
5
15
%/V
Figure 5-15. DCO Frequency vs Supply Voltage VCC and vs Ambient Temperature


同様の部品番号 - MSP430FG4618IPZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI1-MSP430FG4618IPZR Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

同様の説明 - MSP430FG4618IPZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com