データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430FG4618IPZR データシート(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430FG4618IPZR
部品情報  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FG4618IPZR データシート(HTML) 39 Page - Texas Instruments

Back Button MSP430FG4618IPZR Datasheet HTML 35Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 36Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 37Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 38Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 39Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 40Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 41Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 42Page - Texas Instruments MSP430FG4618IPZR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
Positive
Negative
VR+
GainError
OffsetError
DACCode
DACVOUT
Idealtransfer
function
RLoad =
AVCC
CLoad =100pF
2
DACOutput
39
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K – APRIL 2006 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Specifications
Copyright © 2006–2020, Texas Instruments Incorporated
(1)
Parameters calculated from the best-fit curve from 0x0A to 0xFFF. The best-fit curve method is used to deliver coefficients “a” and “b” of
the first order equation: y = a + b × x. VDAC12_xOUT = EO + (1 + EG) × (VeREF+/4095) × DAC12_xDAT, DAC12IR = 1.
(2)
The offset calibration works on the output operational amplifier. Offset calibration is triggered by setting bit DAC12CALON.
(3)
The offset calibration can be done if DAC12AMPx = {2, 3, 4, 5, 6, 7}. The output operational amplifier is switched off with DAC12AMPx =
{0, 1}. TI recommends that the DAC12 module be configured before initiating calibration. Port activity during calibration may effect
accuracy and is not recommended.
5.34
12-Bit DAC, Linearity Specifications
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5-26)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Resolution
12-bit monotonic
12
bits
INL
Integral nonlinearity(1)
Vref = 1.5 V,
DAC12AMPx = 7, DAC12IR = 1
2.2 V
±2.0
±8.0
LSB
Vref = 2.5 V,
DAC12AMPx = 7, DAC12IR = 1
3 V
DNL
Differential nonlinearity(1)
Vref = 1.5 V,
DAC12AMPx = 7, DAC12IR = 1
2.2 V
±0.4
±1.0
LSB
Vref = 2.5 V,
DAC12AMPx = 7, DAC12IR = 1
3 V
EO
Offset voltage without calibration(1) (2)
Vref = 1.5 V,
DAC12AMPx = 7, DAC12IR = 1
2.2 V
±21
mV
Vref = 2.5 V,
DAC12AMPx = 7, DAC12IR = 1
3 V
Offset voltage with calibration (1) (2)
Vref = 1.5 V,
DAC12AMPx = 7, DAC12IR = 1
2.2 V
±2.5
Vref = 2.5 V,
DAC12AMPx = 7, DAC12IR = 1
3 V
dE(O)/dT
Offset error temperature coefficient(1)
2.2 V, 3 V
±30
µV/°C
EG
Gain error(1)
VREF = 1.5 V
2.2 V
±3.5
%FSR
VREF = 2.5 V
3 V
dE(G)/dT
Gain temperature coefficient(1)
2.2 V, 3 V
10
ppm of
FSR/°C
tOffset_Cal
Time for offset calibration(3)
DAC12AMPx = 2
2.2 V, 3 V
100
ms
DAC12AMPx = 3, 5
32
DAC12AMPx = 4, 6, 7
6
Figure 5-26. Linearity Test Load Conditions and Gain and Offset Definition


同様の部品番号 - MSP430FG4618IPZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 105P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI-MSP430FG4618IPZR Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG4618IPZR TI1-MSP430FG4618IPZR Datasheet
1Mb / 111P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

同様の説明 - MSP430FG4618IPZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com