データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSP430FR6007 データシート(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
部品番号 MSP430FR6007
部品情報  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 データシート(HTML) 55 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 51Page - Texas Instruments MSP430FR6007 Datasheet HTML 52Page - Texas Instruments MSP430FR6007 Datasheet HTML 53Page - Texas Instruments MSP430FR6007 Datasheet HTML 54Page - Texas Instruments MSP430FR6007 Datasheet HTML 55Page - Texas Instruments MSP430FR6007 Datasheet HTML 56Page - Texas Instruments MSP430FR6007 Datasheet HTML 57Page - Texas Instruments MSP430FR6007 Datasheet HTML 58Page - Texas Instruments MSP430FR6007 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 179 page
background image
SDA
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
HIGH
t
LOW
t
BUF
t
HD,STA
t
SU,STA
t
SP
t
SU,STO
55
MSP430FR6007, MSP430FR6005
www.ti.com
SLASEV3 – MARCH 2020
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Specifications
Copyright © 2020, Texas Instruments Incorporated
Table 5-21 lists the switching characteristics of the eUSCI in I2C mode.
Table 5-21. eUSCI (I2C Mode) Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5-16)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
feUSCI
eUSCI input clock frequency
Internal: SMCLK or ACLK,
External: UCLK,
Duty cycle = 50% ±10%
16
MHz
fSCL
SCL clock frequency
2.2 V, 3.0 V
0
400
kHz
tHD,STA
Hold time (repeated) START
fSCL = 100 kHz
2.2 V, 3.0 V
4.0
µs
fSCL > 100 kHz
0.6
tSU,STA
Setup time for a repeated START
fSCL = 100 kHz
2.2 V, 3.0 V
4.7
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V, 3.0 V
0
ns
tSU,DAT
Data setup time
2.2 V, 3.0 V
100
ns
tSU,STO
Setup time for STOP
fSCL = 100 kHz
2.2 V, 3.0 V
4.0
µs
fSCL > 100 kHz
0.6
tBUF
Bus free time between a STOP and START
condition
fSCL = 100 kHz
4.7
us
fSCL > 100 kHz
1.3
tSP
Pulse duration of spikes suppressed by input
filter
UCGLITx = 0
2.2 V, 3.0 V
50
250
ns
UCGLITx = 1
25
125
UCGLITx = 2
12.5
62.5
UCGLITx = 3
6.3
31.5
tTIMEOUT
Clock low time-out
UCCLTOx = 1
2.2 V, 3.0 V
27
ms
UCCLTOx = 2
30
UCCLTOx = 3
33
Figure 5-16. I2C Mode Timing


同様の部品番号 - MSP430FR6007

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

同様の説明 - MSP430FR6007

メーカー部品番号データシート部品情報
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com