データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPA991 データシート(PDF) 13 Page - Texas Instruments

部品番号 OPA991
部品情報  OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OPA991 データシート(HTML) 13 Page - Texas Instruments

Back Button OPA991_V01 Datasheet HTML 9Page - Texas Instruments OPA991_V01 Datasheet HTML 10Page - Texas Instruments OPA991_V01 Datasheet HTML 11Page - Texas Instruments OPA991_V01 Datasheet HTML 12Page - Texas Instruments OPA991_V01 Datasheet HTML 13Page - Texas Instruments OPA991_V01 Datasheet HTML 14Page - Texas Instruments OPA991_V01 Datasheet HTML 15Page - Texas Instruments OPA991_V01 Datasheet HTML 16Page - Texas Instruments OPA991_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
OPA991, OPA2991, OPA4991
www.ti.com
SBOS969B – OCTOBER 2019 – REVISED MAY 2020
Product Folder Links: OPA991 OPA2991 OPA4991
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 40 V (±1.35 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
4.5
MHz
SR
Slew rate
VS = 40 V, G = +1, CL = 20 pF
21
V/µs
tS
Settling time
To 0.01%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
2.5
µs
To 0.01%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
1.5
To 0.1%, VS = 40 V, VSTEP = 10 V , G = +1, CL = 20 pF
2
To 0.1%, VS = 40 V, VSTEP = 2 V , G = +1, CL = 20 pF
1
Phase margin
G = +1, RL = 10 kΩ
60
°
Overload recovery time
VIN × gain > VS
400
ns
THD+N
Total harmonic distortion
+ noise
VS = 40 V, VO = 3 VRMS, G = 1, f = 1 kHz
0.00021%
OUTPUT
Voltage output swing
from rail
Positive and negative rail headroom
VS = 40 V, RL = no load
(1)
5
10
mV
VS = 40 V, RL = 10 kΩ
50
55
VS = 40 V, RL = 2 kΩ
200
250
VS = 2.7 V, RL = no load
(1)
1
6
VS = 2.7 V, RL = 10 kΩ
5
12
VS = 2.7 V, RL = 2 kΩ
25
40
ISC
Short-circuit current
±75
mA
CLOAD
Capacitive load drive
1000
pF
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A
525
POWER SUPPLY
IQ
Quiescent current per
amplifier
VCM = V–, IO = 0 A
560
685
µA
TA = –40°C to 125°C
750


同様の部品番号 - OPA991_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA991 TI1-OPA991_V02 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V04 Datasheet
5Mb / 73P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V06 Datasheet
5Mb / 77P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results

同様の説明 - OPA991_V01

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPA991 TI1-OPA991_V03 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V05 Datasheet
5Mb / 75P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V07 Datasheet
5Mb / 77P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED MAY 2021
OPA991 TI1-OPA991_V02 Datasheet
4Mb / 70P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI1-OPA991_V04 Datasheet
5Mb / 73P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V06 Datasheet
5Mb / 77P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA2991 TI1-OPA2991 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA991 TI-OPA991_V08 Datasheet
5Mb / 78P
[Old version datasheet]   OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
JANUARY 2022
OPA991-Q1 TI-OPA991-Q1_V03 Datasheet
3Mb / 54P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED SEPTEMBER 2021
OPA2991-Q1 TI-OPA2991-Q1_V01 Datasheet
2Mb / 40P
[Old version datasheet]   OPAx991-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com