データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV197-Q1 データシート(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV197-Q1
部品情報  TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV197-Q1 データシート(HTML) 27 Page - Texas Instruments

Back Button TLV197-Q1 Datasheet HTML 23Page - Texas Instruments TLV197-Q1 Datasheet HTML 24Page - Texas Instruments TLV197-Q1 Datasheet HTML 25Page - Texas Instruments TLV197-Q1 Datasheet HTML 26Page - Texas Instruments TLV197-Q1 Datasheet HTML 27Page - Texas Instruments TLV197-Q1 Datasheet HTML 28Page - Texas Instruments TLV197-Q1 Datasheet HTML 29Page - Texas Instruments TLV197-Q1 Datasheet HTML 30Page - Texas Instruments TLV197-Q1 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
ADC Differential Input (V)
–20
–15
–10
–5
0
5
10
15
20
27
TLV197-Q1, TLV2197-Q1, TLV4197-Q1
www.ti.com
SBOS935 – APRIL 2020
Product Folder Links: TLV197-Q1 TLV2197-Q1 TLV4197-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
The primary objective is to design a ±20 V, differential 4-channel multiplexed data acquisition system with lowest
distortion using the 16-bit ADS8864 at a throughput of 400 kSPS for a 10 kHz full-scale pure sine-wave input.
The design requirements for this block design are:
System supply voltage: ±15 V
ADC supply voltage: 3.3 V
ADC sampling rate: 400 kSPS
ADC reference voltage (REFP): 4.096 V
System input signal: A high-voltage differential input signal with a peak amplitude of 10 V and frequency
(fIN) of 10 kHz are applied to each differential input of the mux.
8.2.1.2 Detailed Design Procedure
The purpose of this precision design is to design an optimal high voltage multiplexed data acquisition system for
highest system linearity and fast settling. The overall system block diagram is illustrated in Figure 41. The circuit
is a multichannel data acquisition signal chain consisting of an input low-pass filter, multiplexer (mux), mux output
buffer, attenuating SAR ADC driver, digital counter for mux and the reference driver. The architecture allows fast
sampling of multiple channels using a single ADC, providing a low-cost solution. The two primary design
considerations to maximize the performance of a precision multiplexed data acquisition system are the mux input
analog front-end and the high-voltage level translation SAR ADC driver design. However, carefully design each
analog circuit block based on the ADC performance specifications in order to achieve the fastest settling at 16-bit
resolution and lowest distortion system. Figure 41 includes the most important specifications for each individual
analog block.
This design systematically approaches each analog circuit block to achieve a 16-bit settling for a full-scale input
stage voltage and linearity for a 10-kHz sinusoidal input signal at each input channel. The first step in the design
is to understand the requirement for extremely low impedance input-filter design for the mux. This understanding
helps in the decision of an appropriate input filter and selection of a mux to meet the system settling
requirements. The next important step is the design of the attenuating analog front-end (AFE) used to level
translate the high-voltage input signal to a low-voltage ADC input when maintaining amplifier stability. The next
step is to design a digital interface to switch the mux input channels with minimum delay. The final design
challenge is to design a high-precision, reference-driver circuit that provides the required REFP reference voltage
with low offset, drift, and noise contributions.
8.2.1.3 Application Curve
Figure 42. ADC 16-Bit Linearity Error for the Multiplexed Data Acquisition Block
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test results, refer to TIPD151, 16-
Bit, 400 kSPS 4-Channell, Multiplexed Data Acquisition Ref erence Design for High Voltage Inputs, Low Distortion.


同様の部品番号 - TLV197-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV1012 TI-TLV1012 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
TLV1012-15YDCR TI-TLV1012-15YDCR Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
TLV1012 TI-TLV1012_10 Datasheet
252Kb / 12P
[Old version datasheet]   AMPLIFIER FOR HIGH-GAIN TWO-WIRE MICROPHONES
TLV1018 TI-TLV1018 Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
TLV1018-15YDCR TI-TLV1018-15YDCR Datasheet
620Kb / 12P
[Old version datasheet]   AMPLIFIER FOR THREE-WIRE ANALOG ELECTRET MICROPHONES
More results

同様の説明 - TLV197-Q1

メーカー部品番号データシート部品情報
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com