データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

155104U データシート(PDF) 1 Page - Littelfuse

部品番号 155104U
部品情報  Fuseholders - For Low Voltage 3AG or SFE Fuse Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

155104U データシート(HTML) 1 Page - Littelfuse

  155104U Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuseholders
463
www .littelfuse .com
13
SPECIFICATIONS:
Electrical: Intended for use at 32 volts or less with fuses rated up to 20
amperes when the proper spring is installed for fuse size.
Molded Parts: Black Thermoplastic (UL 94V2).
Body halves have a .14" diameter hole for insulated wire.
Ambient Temperature: – 40°C to +75°C.
Contact Rivet: Brass. Tin finish. Designed to accommodate #14 AWG
stranded wire.
Assembled: Includes fuse listed and 19" loop of #14 AWG red vinyl
insulated wire.
Unassembled: For assembly to #14 AWG wire.
OPTIONS:
150 215 is similar to 155 120A except no fuse is supplied. It is intended
for use with 3AG fuses rated up to 20 amperes.
UNIVERSAL IN-LINE FUSEHOLDER 155 100:
Supplied with 8" loop of #14 AWG red vinyl insulated wire and two
springs in different lengths to accommodate SFE sized fuses.
PATENTED
Heavy-Duty Bayonet Knob In-Line Type
SPECIFICATIONS:
Electrical: Intended for use at 32 volts or less with fuses rated up to 20
amperes when the proper spring is installed for full size.
Molded Parts: Body and knob are Black Thermoset (UL 94V0). Both
body and knob have a .20" diameter hole for insulated wire.
Knob: Bayonet-lock type metal insert.
Ambient Temperature: – 40°C to +125°C.
Contact Rivet: Brass. Tin plated. Designed to accommodate #14 AWG
stranded wire.
Assembled: Includes fuse listed and 19" loop of #14 AWG red vinyl
insulated wire.
Unassembled: For assembly to #14 AWG wire.
OPTIONS:
150 079 is similar to 155 020A except no fuse is supplied. It is intended
for use with 3AG fuses rated up to 20 amperes.
UNIVERSAL IN-LINE FUSEHOLDER 150 145:
Supplied with 15" loop of #14 AWG red vinyl insulated wire and three
springs in different lengths to accommodate SFE sized fuses.
Fuseholders with other wire sizes or lengths available on special order.
Unassembled
Assembled
Catalog Number
For Fuse Size
Catalog Number
Fuse Installed
155 004U
1
/4" x 5/8"
155 004A
SFE 4
155 006U
1
/4" x 3/4"
155 006A
SFE 6
155 07.5U
1
/4" x 7/8"
155 07.5A
SFE 71/2
155 009U
1
/4" x 7/8"
155 009A
SFE 9
155 014U
1
/4" x 11/16"
155 014A
SFE 14
155 020U
1
/4" x 11/4"
155 020A
SFE 20
ORDERING INFORMATION:
17.53 (.69")
52.83
(2.08")
155 100U Series
155 100A Series
155 000U Series
155 000A Series
SPECIAL TYPES
2AG or 5 x 20mm Inline Fuseholders
SPECIFICATIONS:
Electrical: This fuseholder, part number 150274, is intended for use
with 2AG and 5 x 20mm fuses. Maximum current ratings are 5 amperes
at 32V for the 2AG size fuses and 10 amperes at 32V for the 5 x 20mm
size fuses.
Body: Black Thermoplastic.
Terminals: Brass.
Wire: 16 Awg size; nominal o.d. 0.104"; color red.
Lead Pull Test: Will withstand 10 lb. pull.
Ambient Temperature: – 40°C to +80°C.
ORDERING INFORMATION:
Catalog Number: 150 274
WIRE LENGTH: 13" 0.5"
46.74
(1.84")
10.67 (.42") DIA.
+
Unassembled
Assembled
Catalog Number
For Fuse Size
Catalog Number
Fuse Installed
155 104U
1
/4" x 5/8"
155 104A
SFE 4
155 106U
1
/4" x 3/4"
155 106A
SFE 6
155 17.5U
1
/4" x 7/8"
155 17.5A
SFE 71/2
155 109U
1
/4" x 7/8"
155 109A
SFE 9
155 114U
1
/4" x 11/16"
155 114A
SFE 14
155 120U
1
/4" x 11/4"
155 120A
SFE 20
ORDERING INFORMATION:
55.63
(2.19")
15.24 (.60")
Twist-Lock In-Line Type
For Low Voltage 3AG or SFE Fuse Applications


同様の部品番号 - 155104U

メーカー部品番号データシート部品情報
logo
Littelfuse
155104U LITTELFUSE-155104U Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
155104U LITTELFUSE-155104U_1 Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
More results

同様の説明 - 155104U

メーカー部品番号データシート部品情報
logo
Littelfuse
155104U LITTELFUSE-155104U_1 Datasheet
164Kb / 1P
   For Low Voltage 3AG or SFE Fuse Applications
344 LITTELFUSE-344 Datasheet
92Kb / 1P
   Fuseholders - For 3AG Fuses
340 LITTELFUSE-340 Datasheet
53Kb / 1P
   Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
   Fuseholders - For 3AG Fuses
286 LITTELFUSE-286 Datasheet
114Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
   Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
281 LITTELFUSE-281 Datasheet
181Kb / 1P
   Fuseholders - For MicroTM Fuse or Pico II Fuses
354 LITTELFUSE-354 Datasheet
100Kb / 1P
   Fuse Blocks and Clips - For 3AG Fuses
logo
Keystone Electronics Co...
3529 KEYSTONE-3529 Datasheet
195Kb / 1P
   3AG PC FUSE CLIP
8.30.82
logo
Littelfuse
342 LITTELFUSE-342_V01 Datasheet
315Kb / 1P
   342 Series Panel Mount Enclosed Fuseholders for 3AG/AB Fuses
Revised: GD. 06/04/21
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com