データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI91872 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SI91872
部品情報  300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91872 データシート(HTML) 4 Page - Vishay Siliconix

  SI91872 Datasheet HTML 1Page - Vishay Siliconix SI91872 Datasheet HTML 2Page - Vishay Siliconix SI91872 Datasheet HTML 3Page - Vishay Siliconix SI91872 Datasheet HTML 4Page - Vishay Siliconix SI91872 Datasheet HTML 5Page - Vishay Siliconix SI91872 Datasheet HTML 6Page - Vishay Siliconix SI91872 Datasheet HTML 7Page - Vishay Siliconix SI91872 Datasheet HTML 8Page - Vishay Siliconix SI91872 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Si91872
Vishay Siliconix
www.vishay.com
4
Document Number: 72013
S-51147—Rev. F, 20-Jun-05
PIN CONFIGURATION: MLP33-5
MLP33-5 PowerPAK
1
2
1
2
3
4
5
3
4
5
SD
ERROR
VIN
VOUT
GND
GND
GND
GND
Top View
Bottom View
PIN DESCRIPTION
Pin Number
Name
Function
1
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to VIN if unused
2
ERROR
The open drain output is an error flag output which goes low when VOUT drops 4% below its nominal voltage.
3
VIN
Input supply pin. Bypass this pin with a 1-mF ceramic or tantalum capacitor to ground
4
VOUT
Output voltage. Connect COUT between this pin and ground.
5
GND
Ground pin. For better thermal capability, directly connected to large ground plane
ORDERING INFORMATION
Standard
Part Number
Lead (Pb)-Free
Part Number
Marking
Voltage
Temp.
Range
Pkg.
Si91872DMP-12-T1
Si91872DMP-12-E3
7212
1.2
Si91872DMP-18-T1
Si91872DMP-18-E3
7218
1.8
Si91872DMP-25-T1
Si91872DMP-25-E3
7225
2.5
Si91872DMP-26-T1
Si91872DMP-26-E3
7226
2.6
40 to 85_C
MLP33 5
Si91872DMP-28-T1
Si91872DMP-28-E3
7228
2.8
−40 to 85_C
MLP33-5
Si91872DMP-30-T1
Si91872DMP-30-E3
7230
3.0
Si91872DMP-33-T1
Si91872DMP-33-E3
7233
3.3
Si91872DMP-50-T1
Si91872DMP-50-E3
7250
5.0


同様の部品番号 - SI91872

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
More results

同様の説明 - SI91872

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com