データシートサーチシステム |
|
L601E6 データシート(PDF) 7 Page - Littelfuse |
|
L601E6 データシート(HTML) 7 Page - Littelfuse |
7 / 8 page Data Sheets Sensitive Triacs ©2004 Littelfuse, Inc. E1 - 7 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Figure E1.3 Maximum Allowable Case Temperature versus On-state Current (4 A, 6 A, and 8 A) Figure E1.4 On-state Current versus On-state Voltage (Typical) Figure E1.5 Normalized DC Holding Current versus Case Temperature Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants versus Case Temperature Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants versus Case Temperature Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical) 01 2 3 4 5 6 7 8 60 65 70 75 80 85 90 95 100 105 110 RMS On-State Current [IT(RMS)] - Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawings 4 A TYPE 1 and 3 TO-202 4 A TO-220 (Isolated) 4 A TO-252 8 A TO-220 (Isolated) 6 A TO-220 (Isolated) 4 A TYPE 2 and 4 TO-202 4 A TO-251 8 A TO-251 and TO-252 6 A TO-251 6 A TO-252 0 0.5 0.8 1.0 1.2 1.4 1.6 1.8 0 2 4 6 8 10 12 14 16 18 20 Positive or Negative Instantaneous On-state Voltage (vT) - Volts 1 A 4 A 6 A and 8 A T C = 25 ˚ C 0.8 A -40 -15 +25 +65 +110 +125 0 1.0 2.0 3.0 4.0 -65 Case Temperature (TC) - ˚C INITIAL ON-STATE CURRENT = 100 mA (DC) 0.8 - 4 A Devices = 200 mA (DC) 6 - 8 A Devices -65 -40 -15 +65 +110 +125 +25 0 .5 1.0 1.5 2.0 Case Temperature (TC) - ˚ C -65 -40 -15 +65 +110 +125 +25 0 1.0 2.0 3.0 4.0 Case Temperature (TC) - ˚C 12 3 4 6 5 8 10 20 30 40 60 80 100 I GT = 5 mA MAX I GT = 10 mA MAX I GT = 20 mA MAX I GT = 3 mA MAX 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 DC Gate Trigger Current (IGT) - mA TC = 25 ˚C |
同様の部品番号 - L601E6 |
|
同様の説明 - L601E6 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |