データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L60060C-3C データシート(PDF) 2 Page - Littelfuse

部品番号 L60060C-3C
部品情報  Class CC/CD and Midget Fuse Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L60060C-3C データシート(HTML) 2 Page - Littelfuse

  L60060C-3C Datasheet HTML 1Page - Littelfuse L60060C-3C Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
103
1.89"
[48.0]
3.35"
[85.09]
3.35"
[85.09]
3.35"
[85.09]
1.01"
[25.65]
1 POLE
2 POLE
3 POLE
ADDER
.783"
[19.89]
3.0"
[76.2]
1.437"
[36.49]
2.25"
[57.15]
1.25"
[31.75]
1 POLE
2 POLE
3 POLE
3.12"
[79.25]
1.01"
[25.65]
1.01"
[25.65]
2.12"
[53.85]
3.0"
[76.2]
3.0"
[76.2]
3.35"
[85.09]
Class CC and Midget Fuse Blocks
600 Volt
Class CC 30A Fuse Blocks
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
1
L60030C-1C
30
2
L60030C-2C
Box Lug
#6 CU
3
L60030C-3C
1
L60030C-1PQ
30
2
L60030C-2PQ
Pressure Plate/
#10 CU
3
L60030C-3PQ
Q. C. Terminal
1
L60030C-1SQ
30
2
L60030C-2SQ
Screw/ Q. C. Terminal
#10 CU
3
L60030C-3SQ
Note: Quick Connect Terminals are rated at 20 amperes.
Amp
Rating
Maximum
Wire Size
Class CD 60A Fuse Blocks
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
Amp
Rating
Maximum
Wire Size
1
L60060C-1C
60
2
L60060C-2C
Box Lug
#6 CU
3
L60060C-3C
60
Adder
L60060C-AC
Box Lug
#6 CU
Block
Midget Fuse Blocks
No. of
Poles
Catalog
Number
Connector Type
(Add suffix shown)
Amp
Rating
Maximum
Wire Size
1
L60030M-1C
30
2
L60030M-2C
Box Lug
#6 CU
3
L60030M-3C
1
L60030M-1PQ
30
2
L60030M-2PQ
Pressure Plate/
#10 CU
3
L60030M-3PQ
Q. C. Terminal
1
L60030M-1SQ
30
2
L60030M-2SQ
Screw/ Q. C. Terminal
#10 CU
3
L60030M-3SQ
Note: Quick Connect Terminals are rated at 20 amperes.
L60030
L60060
Contents
Index
Previous
Next


同様の部品番号 - L60060C-3C

メーカー部品番号データシート部品情報
logo
Littelfuse
L60060C-3C LITTELFUSE-L60060C-3C Datasheet
166Kb / 2P
   Blocks and Holders
More results

同様の説明 - L60060C-3C

メーカー部品番号データシート部品情報
logo
Littelfuse
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
CCMR LITTELFUSE-CCMR_13 Datasheet
722Kb / 6P
   Class CC/CD CCMR Series FUSES
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com