データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3224MMX-ADJ データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3224MMX-ADJ
部品情報  615kHz/1.25MHz Step-up PWM DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224MMX-ADJ データシート(HTML) 5 Page - National Semiconductor (TI)

  LM3224MMX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3224MMX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Electrical Characteristics (Continued)
Note 5: The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 6: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to
calculate Average Outgoing Quality Level (AOQL).
Note 7: Typical numbers are at 25˚C and represent the most likely norm.
Note 8: Duty cycle affects current limit due to ramp generator.
Note 9: Current limit at 0% duty cycle. See TYPICAL PERFORMANCE section for Switch Current Limit vs. VIN
Note 10: Bias current flows into FB pin.
Typical Performance Characteristics
SHDN Pin Current vs. SHDN Pin Voltage
SS Pin Current vs. Temperature
20097616
20097617
FSLCT Pin Current vs. FSLCT Pin Voltage
FB Pin Current vs. Temperature
20097618
20097619
www.national.com
5


同様の部品番号 - LM3224MMX-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3224MMX-ADJ NSC-LM3224MMX-ADJ Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224MMX-ADJ/NOPB TI-LM3224MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
More results

同様の説明 - LM3224MMX-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI-LM3224_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com