データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3100D2 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3100D2
部品情報  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2 データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3100D2 Datasheet HTML 2Page - Texas Instruments TPA3100D2 Datasheet HTML 3Page - Texas Instruments TPA3100D2 Datasheet HTML 4Page - Texas Instruments TPA3100D2 Datasheet HTML 5Page - Texas Instruments TPA3100D2 Datasheet HTML 6Page - Texas Instruments TPA3100D2 Datasheet HTML 7Page - Texas Instruments TPA3100D2 Datasheet HTML 8Page - Texas Instruments TPA3100D2 Datasheet HTML 9Page - Texas Instruments TPA3100D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.ti.com
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
QFN
TQFP
NAME
NO.
NO.
ROUTP
41, 42
41, 42
O
Class-D 1/2-H-bridge positive output for right channel.
PVCCR
34, 35
34, 35
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
BSRP
43
43
I/O
Bootstrap I/O for right channel, positive high-side FET.
AGND
4, 17
4, 17
Analog ground for digital/analog cells in core.
ROSC
14
14
I/O
I/O for current setting resistor of ramp generator.
Master/Slave select for determining direction of SYNC terminal.
HIGH=Master mode, SYNC terminal is an output; LOW = slave mode,
MSTR/SLV
10
10
I
SYNC terminal accepts a clock input. TTL logic levels with compliance to
VREG.
Clock input/output for synchronizing multiple class-D devices. Direction
SYNC
11
11
I/O
determined by MSTR/SLV terminal. Input signal not to exceed VREG.
Reference for preamplifier inputs. Nominally equal to 1.4 V. Also controls
VBYP
16
16
O
start-up time via external capacitor sizing.
4-V regulated output for use by internal cells, GAINx, MUTE, and
VREG
15
15
O
MSTR/SLV pins only. Not specified for driving other external circuitry.
High-voltage analog power supply. Not internally connected to PVCCR or
AVCC
48
47, 48
PVCCL.
1, 7, 12,
NC
13, 24, 25,
Not internally connected.
36, 37, 47
Connect to AGND and PGND – should be star point for both grounds.
Internal resistive connection to AGND and PGND. Thermal vias on the PCB
Thermal Pad
-
-
-
should connect this pad to a large copper area on an internal or bottom
layer for the best thermal performance. The Thermal Pad must be soldered
to the PCB for mechanical reliability.
6


同様の部品番号 - TPA3100D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3100D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com