データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3100D2RGZR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3100D2RGZR
部品情報  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2RGZR データシート(HTML) 7 Page - Texas Instruments

Back Button TPA3100D2RGZR Datasheet HTML 3Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 4Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 5Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 6Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 7Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 8Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 9Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 10Page - Texas Instruments TPA3100D2RGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
Biases
and
References
Startup
Protection
Logic
VREGok
RINP
RINN
Ramp
Generator
ROSC
VCCok
4V Reg
AVCC
VREG
PWM
Logic
Gain
Control
Gain
Control
LINP
LINN
SHUTDOWN
VBYP
VBYP
MSTR/SLV
PWM
Logic
SYNC
AVCC
AVCC
AVCC
Gain
Control
GAIN0
GAIN1
8
To Gain Adj.
Blocks and
Startup Logic
MUTE
FAULT
VREG
AGND
VBYP
VBYP
VREG
VBYP
VClamp
Gen
PVCCR
Gate
Drive
Gate
Drive
VClamp
Gen
Gate
Drive
Thermal
SC
Detect
PVCCR
Gate
Drive
BSLN
VCLAMPL
PVCCL
PVCCL
BSLP
LOUTN
BSRN
VCLAMPR
PVCCR
PVCCR
ROUTN
BSRP
ROUTP
PGNDR
PVCCL
PVCCL
PGNDL
LOUTP
Gain
Gain
Gain
Gain
TLL Input
Buffer
(VCC Compliant)
TLL Input
Buffer
(VCC Compliant)
TYPICAL CHARACTERISTICS
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
FUNCTIONAL BLOCK DIAGRAM
TABLE OF GRAPHS(1)
FIGURE
THD+N
Total harmonic distortion + noise
vs Frequency
1, 2, 3, 4
THD+N
Total harmonic distortion + noise
vs Output power
5, 6, 7, 8
Closed-loop response
vs Frequency
9, 10
Output power
vs Supply voltage
11. 12
Efficiency
vs Output power
13, 14
VCC
Supply current
vs Total output power
15, 16
Crosstalk
vs Frequency
17, 18
kSVR
Supply ripple rejection ratio
vs Frequency
19, 20
(1)
All graphs were measured using the TPA3100D2 EVM.
7


同様の部品番号 - TPA3100D2RGZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2RGZR TI-TPA3100D2RGZR Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR TI1-TPA3100D2RGZR Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZR-P TI-TPA3100D2RGZR-P Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI-TPA3100D2RGZRG4 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2RGZRG4 TI1-TPA3100D2RGZRG4 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3100D2RGZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com