データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC139D データシート(PDF) 3 Page - Motorola, Inc

部品番号 MC74VHC139D
部品情報  Dual 2-to-4 Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHC139D データシート(HTML) 3 Page - Motorola, Inc

  MC74VHC139D Datasheet HTML 1Page - Motorola, Inc MC74VHC139D Datasheet HTML 2Page - Motorola, Inc MC74VHC139D Datasheet HTML 3Page - Motorola, Inc MC74VHC139D Datasheet HTML 4Page - Motorola, Inc MC74VHC139D Datasheet HTML 5Page - Motorola, Inc MC74VHC139D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC139
VHC Data – Advanced CMOS Logic
DL203 — Rev 0
3
MOTOROLA
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 75
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may adversely
affect device reliability. Functional operation under absolute–maximum–rated conditions is not
implied.
†Derating — SOIC Packages: – 7 mW/
_C from 65_ to 125_C
TSSOP Package: – 6.1 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature
– 40
+ 85
_C
tr, tf
Input Rise and Fall Time
VCC = 3.3V ±0.3V
(Figure 1)
VCC =5.0V ±0.5V
0
0
100
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Sb l
P
T
C
di i
VCC
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
2.0
3.0 to
5.5
1.50
VCC x 0.7
1.50
VCC x 0.7
V
VIL
Maximum Low–Level
Input Voltage
2.0
3.0 to
5.5
0.50
VCC x 0.3
0.50
VCC x 0.3
V
VOH
Minimum High–Level
Output Voltage
Vin = VIH or VIL
IOH = – 50µA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
V
Vin = VIH or VIL
IOH = – 4mA
IOH = – 8mA
3.0
4.5
2.58
3.94
2.48
3.80
VOL
Maximum Low–Level
Output Voltage
Vin = VIH or VIL
IOL = 50µA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
IOL = 4mA
IOL = 8mA
3.0
4.5
0.36
0.36
0.44
0.44
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


同様の部品番号 - MC74VHC139D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHC139D ONSEMI-MC74VHC139D Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHC139DR2 ONSEMI-MC74VHC139DR2 Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHC139DR2G ONSEMI-MC74VHC139DR2G Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
MC74VHC139DR2G ONSEMI-MC74VHC139DR2G Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHC139DT ONSEMI-MC74VHC139DT Datasheet
121Kb / 8P
   Dual 2?뭪o?? Decoder/Demultiplexer
August, 2004 ??Rev. 3
More results

同様の説明 - MC74VHC139D

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139_04 Datasheet
293Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com