データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5272B データシート(PDF) 7 Page - SamHop Microelectronics Corp.

部品番号 SM5272B
部品情報  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272B データシート(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM5272B Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5272B Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Page 7
OCT. 26, 2001
OPERATION FLOWCHART
After Power On SM5272B enters the Search
Address mode, if SM5272B finds 2 consecutive
Address that matches the Address Pin setting
of SM5272B, it will set VT high.
It VT is set high, SM5272B is still in search
Address. After 2 consecutive Address that do
not match the setting on SM5272B, SM5272B
will disable VT.
Power ON
Address
match?
Set VT
Address
match?
Address
match?
Address
match?
Disable VT
NO
YES
YES
NO
YES
YES
NO
NO
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


同様の部品番号 - SM5272B

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

同様の説明 - SM5272B

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com