データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5272B-3 データシート(PDF) 9 Page - SamHop Microelectronics Corp.

部品番号 SM5272B-3
部品情報  3 RF DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5272B-3 データシート(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM5272B-3 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM5272B-3 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9
OCT. 26, 2001
Single Resistor Oscillator
SM5272B's oscillator be constructed by connecting a resistor between OSC1 and OSC2 pin.
SM5272B's OSC frequency must be 1.4 to 6.8 times more than SM5262B.
Encoder OSC Frequency
SM5272B
312 RF DECODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司
Decoder OSC Frequency
Suggested oscillator resistor of SM5262B/ SM5272B:
SM5262B
SM5272B
4.7M OHM
750K OHM
3.0M OHM
390K OHM
2.2M OHM
270K OHM
1.2M OHM
160K OHM
R = 510K
R = 1.2 M
R = 2.7 M
R = 3.0 M
R = 3.3 M
R = 4.3 M
100
KHz
0
69
12
15 VOLTAGE
90
80
70
60
50
40
30
20
10
2.5
VOLTAGE
R = 100 K
R = 300 K
R = 620 K
R = 680 K
R = 820 K
R = 1.0 M
300
0
69
200
100
50
250
2.5
180
KHz


同様の部品番号 - SM5272B-3

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
logo
AiT Semiconductor Inc.
SM5200A AITSEMI-SM5200A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5200AF SECOS-SM5200AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM5200AF FS-SM5200AF Datasheet
215Kb / 3P
   5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
logo
AiT Semiconductor Inc.
SM5200AF AITSEMI-SM5200AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

同様の説明 - SM5272B-3

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SM5038RF SAMHOP-SM5038RF Datasheet
40Kb / 8P
   RF DECODER
logo
ELAN Microelectronics C...
EKK6111 EMC-EKK6111 Datasheet
236Kb / 26P
   RF Keyboard Decoder
logo
rfsolutions.ltd
HIRK-315 RFSOLUTIONS-HIRK-315 Datasheet
172Kb / 10P
   RF RECEIVER DECODER HYBRID
AM-HIRK RFSOLUTIONS-AM-HIRK Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
logo
THOR communications
H-IRD-V3 THOR-H-IRD-V3 Datasheet
640Kb / 1P
   Decoder for ASI, IP, RF
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A_06 Datasheet
103Kb / 7P
   3?뭪o?? Line Decoder
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
SD7062 ETC1-SD7062 Datasheet
3Mb / 9P
   3-STATE ENCODER / DECODER
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com