データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G07DFT1 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC74VHC1G07DFT1
部品情報  Noninverting Buffer with Open Drain Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07DFT1 データシート(HTML) 5 Page - ON Semiconductor

  MC74VHC1G07DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G07DFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHC1G07
http://onsemi.com
5
Figure 5. Carrier Tape Specifications
D1
FOR COMPONENTS
10 PITCHES
CUMULATIVE
TOLERANCE ON
TAPE
±0.2 mm
(
±0.008”)
2.0 mm
× 1.2 mm
AND LARGER
CENTER LINES
OF CAVITY
EMBOSSMENT
USER DIRECTION OF FEED
K0
SEE
NOTE 2
P0
P2
D
E
F
W
B0
+
+
+
K
t
B1
TOP
COVER
TAPE
P
SEE NOTE 2
A0
FOR MACHINE REFERENCE
ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B0
R MIN.
TAPE AND COMPONENTS
SHALL PASS AROUND RADIUS “R”
WITHOUT DAMAGE
BENDING RADIUS
*TOP COVER
TAPE THICKNESS (t1)
0.10 mm
(0.004”) MAX.
EMBOSSED
CARRIER
EMBOSSMENT
TYPICAL
COMPONENT CAVITY
CENTER LINE
TYPICAL
COMPONENT
CENTER LINE
MAXIMUM COMPONENT ROTATION
10
°
CAMBER (TOP VIEW)
ALLOWABLE CAMBER TO BE 1 mm/100 mm NONACCUMULATIVE OVER 250 mm
100 mm
(3.937”)
1 mm
(0.039”) MAX
250 mm
(9.843”)
1 mm MAX
TAPE
EMBOSSED CARRIER DIMENSIONS (See Notes 1 and 2)
Tape
Size
B1
Max
D
D1
E
F
K
P
P0
P2
R
T
W
8 mm
4.35 mm
(0.171”)
1.5 +0.1/
–0.0 mm
(0.059
+0.004/
–0.0”)
1.0 mm
Min
(0.039”)
1.75
±0.1 mm
(0.069
±0.004”)
3.5
±0.5 mm
(1.38
±0.002”)
2.4 mm
(0.094”)
4.0
±0.10 mm
(0.157
±0.004”)
4.0
±0.1 mm
(0.156
±0.004”)
2.0
±0.1 mm
(0.079
±0.002”)
25 mm
(0.98”)
0.3
±0.05 mm
(0.01
+0.0038/
–0.0002”)
8.0
±0.3 mm
(0.315
±0.012”)
1. Metric Dimensions Govern–English are in parentheses for reference only.
2. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm min to
0.50 mm max. The component cannot rotate more than 10
° within the determined cavity


同様の部品番号 - MC74VHC1G07DFT1

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
MC74VHC1G07DFT1 ETL-MC74VHC1G07DFT1 Datasheet
577Kb / 4P
   Noninverting Buffer with Open Drain Output
logo
ON Semiconductor
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
More results

同様の説明 - MC74VHC1G07DFT1

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
L74VHC1G07 LRC-L74VHC1G07 Datasheet
226Kb / 6P
   Noninverting Buffer with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G07 ETL-MC74VHC1G07 Datasheet
577Kb / 4P
   Noninverting Buffer with Open Drain Output
logo
NXP Semiconductors
74LVC1G07 PHILIPS-74LVC1G07 Datasheet
67Kb / 15P
   Buffer with open-drain output
2004 Sep 07
logo
Unisonic Technologies
U74HCT3G07 UTC-U74HCT3G07_15 Datasheet
161Kb / 4P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
ON Semiconductor
NL17SG07 ONSEMI-NL17SG07 Datasheet
95Kb / 9P
   Buffer with Open Drain Output
August, 2014 ??Rev. 5
NL17SG07E ONSEMI-NL17SG07E Datasheet
72Kb / 6P
   Buffer with Open Drain Output
August, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
74AHC1G07 NEXPERIA-74AHC1G07 Datasheet
205Kb / 10P
   Buffer with open-drain output
Rev. 9 - 11 January 2022
74LVC1G07-Q100 NEXPERIA-74LVC1G07-Q100 Datasheet
219Kb / 12P
   Buffer with open-drain output
Rev. 5 - 3 February 2022
logo
Unisonic Technologies
U74AHC1G07 UTC-U74AHC1G07 Datasheet
145Kb / 5P
   BUFFER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G07 PHILIPS-74AHC1G07 Datasheet
77Kb / 16P
   Buffer with open-drain output
2002 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com