データシートサーチシステム |
|
Q2008N4 データシート(PDF) 9 Page - Littelfuse |
|
Q2008N4 データシート(HTML) 9 Page - Littelfuse |
9 / 10 page Data Sheets Triacs ©2004 Littelfuse, Inc. E2 - 9 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Figure E2.13 Peak Surge Current versus Surge Current Duration Figure E2.14 Normalized DC Holding Current versus Case Temperature Figure E2.15 Turn-on Time versus Gate Trigger Current (Typical) SUPPLY FREQUENCY: 60 Hz Sinusoidal LOAD: Resistive RMS ON-STATE CURRENT [lT(RMS)]: Maximum Rated Value at Specified Case Temperature NOTES: 1) Gate control may be lost during and immediately following surge current interval. 2) Overload may not be repeated until junction temperature has returned to steady-state rated value. 25 A TO-220 15 A 10 A 8 A 4 A 1 A 6 A 1 10 20 30 40 50 60 80 100 120 300 400 1000 1 10 100 1000 Surge Current Duration – Full Cycles 200 0.8 A 25 A Fastpak 35 A Fastpak -65 -40 -15 +25 +65 +125 1.0 2.0 3.0 4.0 Case Temperature (T C) – ˚C INITIAL ON-STATE CURRENT = 200 mA DC 0.8 A - 10 A Devices = 400 mA DC 15 A - 25 A Devices 0 0 25 50 75 100 125 150 175 200 225 250 275 300 1 2 3 4 5 6 7 8 DC Gate Trigger Current (l GT) – mA Devices with lGT = 10 mA Devices with lGT = 25 mA Devices with lGT = 50 mA T C = 25 ˚C |
同様の部品番号 - Q2008N4 |
|
同様の説明 - Q2008N4 |