データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHC1G09 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC74VHC1G09
部品情報  2-Input AND Gate with Open Drain Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G09 データシート(HTML) 6 Page - ON Semiconductor

  MC74VHC1G09 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G09 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74VHC1G09
http://onsemi.com
6
Figure 6. Reel Dimensions
13.0 mm
±0.2 mm
(0.512”
±0.008”)
1.5 mm MIN
(0.06”)
50 mm MIN
(1.969”)
20.2 mm MIN
(0.795”)
FULL RADIUS
t MAX
G
A
REEL DIMENSIONS
Tape
Size
A Max
G
t Max
8 mm
330 mm
(13”)
8.400 mm, +1.5 mm, –0.0
(0.33”, +0.059”, –0.00)
14.4 mm
(0.56”)
Figure 7. Reel Winding Direction
DIRECTION OF FEED
BARCODE LABEL
HOLE
POCKET


同様の部品番号 - MC74VHC1G09

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
79Kb / 6P
   2?묲nput AND Gate with Open Drain Output
January, 2007 ??Rev. 16
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
201Kb / 14P
   2-Input AND Gate
November, 2018 ??Rev. 19
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G09DBVT1G ONSEMI-MC74VHC1G09DBVT1G Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
More results

同様の説明 - MC74VHC1G09

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
   2-input AND gate with open-drain output
Rev. 01-26 September 2005
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com